Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N60K Datasheet (PDF) - Unisonic Technologies

10N60K Datasheet PDF - Unisonic Technologies
Part # 10N60K
Download  10N60K Download
File Size   178.79 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10A, 600V N-CHANNEL POWER MOSFET

10N60K Datasheet (PDF)

Go To PDF Page Download Datasheet
10N60K Datasheet PDF - Unisonic Technologies

Part # 10N60K
Download  10N60K Click to download

File Size   178.79 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10A, 600V N-CHANNEL POWER MOSFET

10N60K Datasheet (HTML) - Unisonic Technologies


10N60K Product details

DESCRIPTION

The UTC10N60K is an N-channel Power MOSFET using UTC’s advanced technology to provide customers a minimum on-state resistance and superior switching performance, etc. The UTC10N60K is generally applied in high efficient DC to DC converters, PWM motor controls and bridge circuits, etc.



FEATURES

* RDS(ON)=0.72Ω@ VGS=10V, ID=4.75A

* Low Gate Charge (Typical 44nC)

* Low CRSS( typical 18 pF)

* High Switching Speed

* Improved dv/dt capability




Similar Part No. - 10N60K

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
10N60K SUNMATE-10N60K Datasheet
2Mb / 8P
N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
10N60K-MT UTC-10N60K-MT Datasheet
229Kb / 7P
N-CHANNEL POWER MOSFET
10N60KG-TA3-T UTC-10N60KG-TA3-T Datasheet
229Kb / 7P
N-CHANNEL POWER MOSFET
10N60KG-TF1-T UTC-10N60KG-TF1-T Datasheet
266Kb / 6P
N-CHANNEL POWER MOSFET
10N60KG-TF1-T UTC-10N60KG-TF1-T Datasheet
229Kb / 7P
N-CHANNEL POWER MOSFET
More results


Similar Description - 10N60K

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT10N60 AOSMD-AOT10N60 Datasheet
182Kb / 6P
600V, 10A N-Channel MOSFET
logo
Unisonic Technologies
10N60 UTC-10N60_12 Datasheet
398Kb / 8P
10A, 600V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H10N60 HSMC-H10N60 Datasheet
211Kb / 5P
N-Channel Power MOSFET (600V,10A)
logo
Alpha & Omega Semicondu...
AOB10N60 AOSMD-AOB10N60 Datasheet
264Kb / 6P
600V,10A N-Channel MOSFET
AOW10N60 AOSMD-AOW10N60 Datasheet
251Kb / 6P
600V,10A N-Channel MOSFET
logo
Unisonic Technologies
10N60Z UTC-10N60Z Datasheet
404Kb / 8P
10A, 600V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
10A 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOB10T60P AOSMD-AOB10T60P Datasheet
498Kb / 7P
600V,10A N-Channel MOSFET
AOW10T60P AOSMD-AOW10T60P Datasheet
539Kb / 6P
600V,10A N-Channel MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com