Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB10N60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOB10N60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB10N60
Download  AOB10N60 Download
File Size   264.79 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V,10A N-Channel MOSFET

AOB10N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB10N60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB10N60
Download  AOB10N60 Click to download

File Size   264.79 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V,10A N-Channel MOSFET

AOB10N60 Datasheet (HTML) - Alpha & Omega Semiconductors


AOB10N60 Product details

General Description
The AOT10N60 & AOB10N60 & AOTF10N60 have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications.By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

Product Summary
    VDS                                 700V@150℃
    ID (at VGS=10V)              10A
    RDS(ON) (at VGS=10V)  < 0.75Ω
   
    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOB10N60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOB10N60 VBSEMI-AOB10N60 Datasheet
1Mb / 10P
N-Channel 650V (D-S)Power MOSFET
logo
Inchange Semiconductor ...
AOB10N60 ISC-AOB10N60 Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOB10N60L VBSEMI-AOB10N60L Datasheet
1Mb / 10P
N-Channel 650V (D-S)Power MOSFET
More results


Similar Description - AOB10N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT10N60 AOSMD-AOT10N60 Datasheet
182Kb / 6P
600V, 10A N-Channel MOSFET
logo
Unisonic Technologies
10N60 UTC-10N60_12 Datasheet
398Kb / 8P
10A, 600V N-CHANNEL POWER MOSFET
10N60K UTC-10N60K Datasheet
178Kb / 6P
10A, 600V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H10N60 HSMC-H10N60 Datasheet
211Kb / 5P
N-Channel Power MOSFET (600V,10A)
logo
Alpha & Omega Semicondu...
AOW10N60 AOSMD-AOW10N60 Datasheet
251Kb / 6P
600V,10A N-Channel MOSFET
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
10A 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOB10T60P AOSMD-AOB10T60P Datasheet
498Kb / 7P
600V,10A N-Channel MOSFET
AOW10T60 AOSMD-AOW10T60 Datasheet
255Kb / 6P
600V,10A N-Channel MOSFET
AOW10T60P AOSMD-AOW10T60P Datasheet
539Kb / 6P
600V,10A N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com