Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54133 Datasheet (PDF) - Unisonic Technologies

M54133 Datasheet PDF - Unisonic Technologies
Part # M54133
Download  M54133 Download
File Size   189.05 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description EARTH LEAKAGE CURRENT DETECTOR

M54133 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54133 Datasheet PDF - Unisonic Technologies

Part # M54133
Download  M54133 Click to download

File Size   189.05 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description EARTH LEAKAGE CURRENT DETECTOR

M54133 Datasheet (HTML) - Unisonic Technologies


M54133 Product details

DESCRIPTION

The UTC M54133 is a semiconductor integrated circuit developed for use in high-speed earth leakage breakers incorporating functions to protect against voltage surges and inverter noise.



FEATURES

* Improvement of ability against unwanted tripping by lightning-surge and lightning impulse.

   Two times counting system adopted.

* Improvement of ability against unwanted tripping by inverter-noise.

   Built-in operational amplifier (of low current dissipation) for active low-pass filter.

   Improved high-frequency, high harmonic superposition performance

* Internal time delay function

* An external capacitor is used to set the delay time.

* High input sensitivity: VT=11.5mVrms Typ.

* Low-current dissipation (at RIREF=180kΩ)

   In stand-by condition: IS=610μA Typ.

* High stabilities design

   Adopt the circuits that is not affected by fluctuations of supply voltage/ambient temperature.



 




Similar Part No. - M54133

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M54133A UTC-M54133A Datasheet
195Kb / 8P
EARTH LEAKAGE CURRENT DETECTOR
M54133AG-S16-R UTC-M54133AG-S16-R Datasheet
195Kb / 8P
EARTH LEAKAGE CURRENT DETECTOR
M54133AG-S16-R UTC-M54133AG-S16-R Datasheet
238Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54133AG-S16-T UTC-M54133AG-S16-T Datasheet
195Kb / 8P
EARTH LEAKAGE CURRENT DETECTOR
M54133AG-S16N-R UTC-M54133AG-S16N-R Datasheet
195Kb / 8P
EARTH LEAKAGE CURRENT DETECTOR
More results


Similar Description - M54133

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54124L MITSUBISHI-M54124L Datasheet
162Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54133FP MITSUBISHI-M54133FP Datasheet
119Kb / 12P
EARTH LEAKAGE CURRENT DETECTOR
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
Earth Leakage Current Detector
logo
Unisonic Technologies
M54123L UTC-M54123L_09 Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134 Datasheet
222Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com