Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBF170L-AE2-R Datasheet (PDF) - Unisonic Technologies

MMBF170L-AE2-R Datasheet PDF - Unisonic Technologies
Part # MMBF170L-AE2-R
Download  MMBF170L-AE2-R Download
File Size   140.38 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.5A, 60V N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR

MMBF170L-AE2-R Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBF170L-AE2-R Datasheet PDF - Unisonic Technologies

Part # MMBF170L-AE2-R
Download  MMBF170L-AE2-R Click to download

File Size   140.38 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.5A, 60V N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR

MMBF170L-AE2-R Datasheet (HTML) - Unisonic Technologies


MMBF170L-AE2-R Product details

DESCRIPTION
The UTC MMBF170 is an N-channel enhancement MOSFET using UTC’s advanced technology to provide the customers with perfect RDS(ON), low input capacitance, low gate threshold voltage and high switching speed.

FEATURES
* RDS(ON)<5mΩ @ VGS=10V,ID=0.2A
* High Switching Speed
* Low Input Capacitance(typical 22pF)




Similar Part No. - MMBF170L-AE2-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF170L ONSEMI-MMBF170L Datasheet
131Kb / 5P
Power MOSFET
October, 2016 ??Rev. 10
logo
Motorola, Inc
MMBF170LT1 MOTOROLA-MMBF170LT1 Datasheet
98Kb / 4P
TMOS FET Transistor
logo
ON Semiconductor
MMBF170LT1 ONSEMI-MMBF170LT1 Datasheet
61Kb / 4P
Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
MMBF170LT1 ONSEMI-MMBF170LT1 Datasheet
82Kb / 5P
Power MOSFET 500 mA, 60 V N-Channel SOT-23
April, 2008 - Rev. 6
MMBF170LT1G ONSEMI-MMBF170LT1G Datasheet
61Kb / 4P
Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
More results


Similar Description - MMBF170L-AE2-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
ACE Technology Co., LTD...
ACE633 ACE-ACE633 Datasheet
1Mb / 10P
60V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
logo
Alpha & Omega Semicondu...
AO4612 AOSMD-AO4612_10 Datasheet
482Kb / 9P
60V Complementary Enhancement Mode Field Effect Transistor
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com