Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBF170L-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBF170L-AE2-R
Description  0.5A, 60V N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBF170L-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBF170L-AE2-R Datasheet HTML 1Page - Unisonic Technologies MMBF170L-AE2-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBF170
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-629.a
0.5A, 60V N-CHANNEL
ENHANCEMENT MODE FIELD
EFFECT TRANSISTOR
DESCRIPTION
The UTC MMBF170 is an N-channel enhancement MOSFET
using UTC’s advanced technology to provide the customers with
perfect RDS(ON), low input capacitance, low gate threshold voltage
and high switching speed.
FEATURES
* RDS(ON)<5mΩ @ VGS=10V,ID=0.2A
* High Switching Speed
* Low Input Capacitance(typical 22pF)
SYMBOL
2.Gate
1.Source
3.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
MMBF170L-AE2-R
MMBF170G-AE2-R
SOT-23
S
G
D
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - MMBF170L-AE2-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF170L ONSEMI-MMBF170L Datasheet
131Kb / 5P
Power MOSFET
October, 2016 ??Rev. 10
logo
Motorola, Inc
MMBF170LT1 MOTOROLA-MMBF170LT1 Datasheet
98Kb / 4P
TMOS FET Transistor
logo
ON Semiconductor
MMBF170LT1 ONSEMI-MMBF170LT1 Datasheet
61Kb / 4P
Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
MMBF170LT1 ONSEMI-MMBF170LT1 Datasheet
82Kb / 5P
Power MOSFET 500 mA, 60 V N-Channel SOT-23
April, 2008 - Rev. 6
MMBF170LT1G ONSEMI-MMBF170LT1G Datasheet
61Kb / 4P
Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
More results

Similar Description - MMBF170L-AE2-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
ACE Technology Co., LTD...
ACE633 ACE-ACE633 Datasheet
1Mb / 10P
60V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
logo
Alpha & Omega Semicondu...
AO4612 AOSMD-AO4612_10 Datasheet
482Kb / 9P
60V Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com