Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N65 Datasheet (PDF) - Unisonic Technologies

10N65 Datasheet PDF - Unisonic Technologies
Part # 10N65
Download  10N65 Download
File Size   341.3 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10A, 650V N-CHANNEL POWER MOSFET

10N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
10N65 Datasheet PDF - Unisonic Technologies

Part # 10N65
Download  10N65 Click to download

File Size   341.3 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10A, 650V N-CHANNEL POWER MOSFET

10N65 Datasheet (HTML) - Unisonic Technologies


10N65 Product details

■ DESCRIPTION

The UTC 10N65 is a high voltage and high current power MOSFET, designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.



■ FEATURES

* RDS(ON) =0.86Ω@VGS =10V

* Low gate charge ( typical 44 nC)

* Low Crss ( typical 18 pF)

* Fast switching

* 100% avalanche tested

* Improved dv/dt capability



 




Similar Part No. - 10N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
10N65 ISC-10N65 Datasheet
136Kb / 2P
Drain Current ID= 2A@ TC=25C
logo
Chongqing Pingwei Enter...
10N65 CHONGQING-10N65 Datasheet
193Kb / 2P
F10A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
10N65 DYELEC-10N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
logo
First Components Intern...
10N65 FCI-10N65 Datasheet
186Kb / 2P
10Amps 650 Voltage N Channel MOSFET
logo
Zibo Seno Electronic En...
10N65 ZSELEC-10N65 Datasheet
820Kb / 7P
N-CHANNEL POWER MOSFET
More results


Similar Description - 10N65

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H10N65 HSMC-H10N65 Datasheet
177Kb / 6P
N-Channel Power MOSFET (650V,10A)
logo
Alpha & Omega Semicondu...
AOT10N65 AOSMD-AOT10N65 Datasheet
214Kb / 6P
650V,10A N-Channel MOSFET
AOW10N65 AOSMD-AOW10N65 Datasheet
347Kb / 6P
650V,10A N-Channel MOSFET
logo
Unisonic Technologies
U74AUP1G07 UTC-U74AUP1G07 Datasheet
208Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
10N65K UTC-10N65K Datasheet
233Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
10N65T UTC-10N65T Datasheet
217Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
10N65Z UTC-10N65Z Datasheet
208Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
logo
Central Semiconductor C...
PB_CDM22010-1509 CENTRAL-PB_CDM22010-1509 Datasheet
1Mb / 2P
650V, 10A N-Channel Power MOSFET
logo
Nanjing International G...
NJ10N65 DGNJDZ-NJ10N65 Datasheet
853Kb / 7P
10A 650V N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com