Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT10N65 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT10N65 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT10N65
Download  AOT10N65 Download
File Size   214.47 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V,10A N-Channel MOSFET

AOT10N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT10N65 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT10N65
Download  AOT10N65 Click to download

File Size   214.47 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V,10A N-Channel MOSFET

AOT10N65 Datasheet (HTML) - Alpha & Omega Semiconductors


AOT10N65 Product details

General Description
The AOT10N65 & AOTF10N65 have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications. By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number: AOT10N65L & AOTF10N65L

Product Summary
    VDS                                    750V@150℃
    ID (at VGS=10V)                10A
    RDS(ON) (at VGS=10V) < 1Ω

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOT10N65

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOT10N65 VBSEMI-AOT10N65 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
AOT10N65 ISC-AOT10N65 Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT10N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N65 UTC-10N65 Datasheet
341Kb / 8P
10A, 650V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H10N65 HSMC-H10N65 Datasheet
177Kb / 6P
N-Channel Power MOSFET (650V,10A)
logo
Alpha & Omega Semicondu...
AOW10N65 AOSMD-AOW10N65 Datasheet
347Kb / 6P
650V,10A N-Channel MOSFET
logo
Unisonic Technologies
U74AUP1G07 UTC-U74AUP1G07 Datasheet
208Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
10N65K UTC-10N65K Datasheet
233Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
10N65T UTC-10N65T Datasheet
217Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
10N65Z UTC-10N65Z Datasheet
208Kb / 6P
10A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ10N65 DGNJDZ-NJ10N65 Datasheet
853Kb / 7P
10A 650V N-CHANNEL POWER MOSFET
logo
AiT Semiconductor Inc.
AM10N65 AITSEMI-AM10N65 Datasheet
807Kb / 11P
MOSFET 650V, 10A N-CHANNEL REV1.0 -
REV1.0 - JUN 2022
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com