Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15N40 Datasheet (PDF) - Unisonic Technologies

15N40 Datasheet PDF - Unisonic Technologies
Part # 15N40
Download  15N40 Download
File Size   220.24 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 15A, 400V N-CHANNEL POWER MOSFET

15N40 Datasheet (PDF)

Go To PDF Page Download Datasheet
15N40 Datasheet PDF - Unisonic Technologies

Part # 15N40
Download  15N40 Click to download

File Size   220.24 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 15A, 400V N-CHANNEL POWER MOSFET

15N40 Datasheet (HTML) - Unisonic Technologies


15N40 Product details

DESCRIPTION

The UTC 15N40 is an N-channel mode power MOSFET using UTC’s advanced technology to provide customers with planar stripe and DMOS technology. This technology allows a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode. The UTC 15N40 is generally applied in high efficiency switch mode power supplies.



„ FEATURES

* RDS(ON)=0.35Ω @ VGS=10V,ID=7.5A

* Low Gate Charge (Typical 28nC)

* Low CRSS (Typical 17pF)

* High Switching Speed




Similar Part No. - 15N40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N40G-TA3-T UTC-15N40G-TA3-T Datasheet
214Kb / 6P
N-CHANNEL POWER MOSFET
15N40G-TF1-T UTC-15N40G-TF1-T Datasheet
214Kb / 6P
N-CHANNEL POWER MOSFET
15N40K-MT UTC-15N40K-MT Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFET
15N40KG-TF2-T UTC-15N40KG-TF2-T Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFET
15N40KL-TF2-T UTC-15N40KL-TF2-T Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFET
More results


Similar Description - 15N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 15A, 350V/400V
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
IRF350 INTERSIL-IRF350 Datasheet
59Kb / 7P
15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
logo
Fairchild Semiconductor
FDP15N40 FAIRCHILD-FDP15N40 Datasheet
256Kb / 9P
N-Channel MOSFET 400V, 15A, 0.3廓
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
400V N-CHANNEL POWER MOSFET
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
1A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
5A, 400V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
10.5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
13A, 400V N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com