Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15N06 Datasheet (PDF) - Unisonic Technologies

15N06 Datasheet PDF - Unisonic Technologies
Part # 15N06
Download  15N06 Download
File Size   245.73 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 15A, 60V N-CHANNEL POWER MOSFET

15N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
15N06 Datasheet PDF - Unisonic Technologies

Part # 15N06
Download  15N06 Click to download

File Size   245.73 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 15A, 60V N-CHANNEL POWER MOSFET

15N06 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 15N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N06 UTC-15N06 Datasheet
247Kb / 6P
N -CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
logo
Inchange Semiconductor ...
15N06 ISC-15N06 Datasheet
67Kb / 2P
Fast Switching
logo
VBsemi Electronics Co.,...
15N06 VBSEMI-15N06 Datasheet
1,002Kb / 8P
N-Channel 60 V (D-S) MOSFET
logo
Unisonic Technologies
15N06G-S08-R UTC-15N06G-S08-R Datasheet
271Kb / 7P
N-CHANNEL POWER MOSFET
15N06G-TA3-T UTC-15N06G-TA3-T Datasheet
271Kb / 7P
N-CHANNEL POWER MOSFET
More results


Similar Description - 15N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT15P06 UTC-UTT15P06 Datasheet
131Kb / 3P
15A, 60V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
60V N-Channel Power MOSFET
logo
Rohm
RD3L150SN ROHM-RD3L150SN Datasheet
2Mb / 16P
Nch 60V 15A Power MOSFET
RD3L150SNFRA ROHM-RD3L150SNFRA Datasheet
2Mb / 15P
Nch 60V 15A Power MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
60V N-Channel Power MOSFET
VER 1.1
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com