Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N60 Datasheet (PDF) - Unisonic Technologies

20N60 Datasheet PDF - Unisonic Technologies
Part # 20N60
Download  20N60 Download
File Size   176.25 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 600V N-CHANNEL POWER MOSFET

20N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
20N60 Datasheet PDF - Unisonic Technologies

Part # 20N60
Download  20N60 Click to download

File Size   176.25 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 600V N-CHANNEL POWER MOSFET

20N60 Datasheet (HTML) - Unisonic Technologies


20N60 Product details

■ DESCRIPTION
The UTC 20N60 is an N-channel enhancement mode power MOSFET using UTC’s advanced technology to provide customers with planar stripe and DMOS technology. This technology is specialized in allowing a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode.
The UTC 20N60 is universally applied in motor control, UPS, DC choppers and switch-mode and resonant-mode power supplies.

■ FEATURES
* RDS(ON) = 0.45Ω @VGS = 10V
* High switching speed




Similar Part No. - 20N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
20N60 ISC-20N60 Datasheet
95Kb / 2P
Fast Switching
logo
VBsemi Electronics Co.,...
20N60 VBSEMI-20N60 Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
logo
DONGGUAN YOU FENG WEI E...
20N60A YFWDIODE-20N60A Datasheet
833Kb / 6P
20A 600V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
20N60A4 FAIRCHILD-20N60A4 Datasheet
908Kb / 8P
600V, SMPS Series N-Channel IGBTs
logo
ON Semiconductor
20N60A4D ONSEMI-20N60A4D Datasheet
388Kb / 10P
SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600 V
April, 2020 - Rev. 3
More results


Similar Description - 20N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK20N60 AOSMD-AOK20N60 Datasheet
450Kb / 5P
600V,20A N-Channel MOSFET
AOT20N60 AOSMD-AOT20N60 Datasheet
545Kb / 6P
600V,20A N-Channel MOSFET
logo
First Components Intern...
IRF820 FCI-IRF820 Datasheet
93Kb / 3P
20A 600V N CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC7320NS60 E-CMOS-EC7320NS60 Datasheet
599Kb / 6P
600V, 20A N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOK20N60L AOSMD-AOK20N60L Datasheet
337Kb / 5P
600V,20A N-Channel MOSFET
AOTF20C60P AOSMD-AOTF20C60P Datasheet
462Kb / 6P
600V,20A N-Channel MOSFET
logo
PFC Device Inc.
PSM20N60CT PFC-PSM20N60CT Datasheet
955Kb / 10P
20A 600V Single N-Channel Power MOSFET
PSM20N60CTB PFC-PSM20N60CTB Datasheet
993Kb / 10P
20A 600V Single N-Channel Power MOSFET
PSM20N60PT PFC-PSM20N60PT Datasheet
1Mb / 10P
20A 600V Single N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com