Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF820 Datasheet (PDF) - First Components International

IRF820 Datasheet PDF - First Components International
Part # IRF820
Download  IRF820 Download
File Size   93.33 Kbytes
Page   3 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 20A 600V N CHANNEL POWER MOSFET

IRF820 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF820 Datasheet PDF - First Components International

Part # IRF820
Download  IRF820 Click to download

File Size   93.33 Kbytes
Page   3 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 20A 600V N CHANNEL POWER MOSFET

IRF820 Datasheet (HTML) - First Components International


IRF820 Product details

GENERAL DESCRIPTION
This high voltage MOSFET uses an advanced termination scheme to provide enhanced voltage-blocking capability without degrading performance over time. In addition, this advanced MOSFET is designed to withstand high energy in avalanche and commutation modes. The new energy efficient design also offers a drain-to-source diode with a fast recovery time. Designed for high voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional and safety margin against unexpected voltage transients.

FEATURES
◆ Robust High Voltage Termination
◆ Avalanche Energy Specified
◆ Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode
◆ Diode is Characterized for Use in Bridge Circuits
◆ IDSS and VDS(on) Specified at Elevated Temperature




Similar Part No. - IRF820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF820 MOTOROLA-IRF820 Datasheet
140Kb / 2P
N-CHANNEL Enhancement-Mode Silicon Gate TMOS
logo
STMicroelectronics
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Samsung semiconductor
IRF820 SAMSUNG-IRF820 Datasheet
322Kb / 6P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF820 FAIRCHILD-IRF820 Datasheet
157Kb / 5P
N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
Intersil Corporation
IRF820 INTERSIL-IRF820 Datasheet
54Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFET
July 1999
More results


Similar Description - IRF820

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N60 UTC-20N60 Datasheet
176Kb / 3P
20A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOK20N60 AOSMD-AOK20N60 Datasheet
450Kb / 5P
600V,20A N-Channel MOSFET
AOT20N60 AOSMD-AOT20N60 Datasheet
545Kb / 6P
600V,20A N-Channel MOSFET
logo
E-CMOS Corporation
EC7320NS60 E-CMOS-EC7320NS60 Datasheet
599Kb / 6P
600V, 20A N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOK20N60L AOSMD-AOK20N60L Datasheet
337Kb / 5P
600V,20A N-Channel MOSFET
AOTF20C60P AOSMD-AOTF20C60P Datasheet
462Kb / 6P
600V,20A N-Channel MOSFET
logo
PFC Device Inc.
PSM20N60CT PFC-PSM20N60CT Datasheet
955Kb / 10P
20A 600V Single N-Channel Power MOSFET
PSM20N60CTB PFC-PSM20N60CTB Datasheet
993Kb / 10P
20A 600V Single N-Channel Power MOSFET
PSM20N60PT PFC-PSM20N60PT Datasheet
1Mb / 10P
20A 600V Single N-Channel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com