Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22N20 Datasheet (PDF) - Unisonic Technologies

22N20 Datasheet PDF - Unisonic Technologies
Part # 22N20
Download  22N20 Download
File Size   189.92 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 22A, 200V N-CHANNEL POWER MOSFET

22N20 Datasheet (PDF)

Go To PDF Page Download Datasheet
22N20 Datasheet PDF - Unisonic Technologies

Part # 22N20
Download  22N20 Click to download

File Size   189.92 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 22A, 200V N-CHANNEL POWER MOSFET

22N20 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 22N20

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
22N20G-TA3-T UTC-22N20G-TA3-T Datasheet
190Kb / 6P
N-CHANNEL POWER MOSFET
22N20G-TF3-T UTC-22N20G-TF3-T Datasheet
190Kb / 6P
N-CHANNEL POWER MOSFET
22N20L-TA3-T UTC-22N20L-TA3-T Datasheet
190Kb / 6P
N-CHANNEL POWER MOSFET
22N20L-TF3-T UTC-22N20L-TF3-T Datasheet
190Kb / 6P
N-CHANNEL POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
22N20L-TF3-T DOINGTER-22N20L-TF3-T Datasheet
1,012Kb / 5P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - 22N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75939P3 FAIRCHILD-HUF75939P3 Datasheet
195Kb / 10P
22A, 200V, 0.125 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
IRF530N INTERSIL-IRF530N Datasheet
125Kb / 10P
22A, 100V, 0.064 Ohm, N-Channel Power MOSFET
March 2000
logo
Unisonic Technologies
22N60 UTC-22N60_11 Datasheet
211Kb / 6P
22A, 600V N-CHANNEL POWER MOSFET
22N65 UTC-22N65_11 Datasheet
191Kb / 5P
22A, 650V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOK22N50 AOSMD-AOK22N50 Datasheet
441Kb / 5P
500V,22A N-Channel MOSFET
AOT22N50 AOSMD-AOT22N50 Datasheet
539Kb / 6P
500V,22A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM19N20 TSC-TSM19N20 Datasheet
88Kb / 4P
200V N-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WNM3038 WILLSEMI-WNM3038 Datasheet
2Mb / 8P
Single N-Channel, 30V, 22A, Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com