Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT22N50 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT22N50 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT22N50
Download  AOT22N50 Download
File Size   539.8 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V,22A N-Channel MOSFET

AOT22N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT22N50 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT22N50
Download  AOT22N50 Click to download

File Size   539.8 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V,22A N-Channel MOSFET

AOT22N50 Datasheet (HTML) - Alpha & Omega Semiconductors


AOT22N50 Product details

General Description

The AOT22N50 & AOTF22N50 have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications.By providing low RDS(on), Ciss and Crss along with guaranteed avalanch capability these parts can be adopted quickly into new and existing offline power supply designs.



VDS                    600V@150℃

ID(at VGS=10V) 22A

RDS(ON)(at VGS=10V) < 0.26Ω




Similar Part No. - AOT22N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT22N50 ISC-AOT22N50 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
AOT22N50L ISC-AOT22N50L Datasheet
394Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT22N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA20N50F FAIRCHILD-FDA20N50F Datasheet
606Kb / 8P
N-Channel MOSFET 500V, 22A, 0.26廓
FCA22N60N FAIRCHILD-FCA22N60N Datasheet
532Kb / 8P
N-Channel MOSFET 600V, 22A, 0.165W
FCP22N60N FAIRCHILD-FCP22N60N Datasheet
763Kb / 10P
N-Channel MOSFET 600V, 22A, 0.165W
FDP22N50N FAIRCHILD-FDP22N50N Datasheet
563Kb / 8P
N-Channel MOSFET 500V, 22A, 0.22廓
logo
Unisonic Technologies
22N20 UTC-22N20 Datasheet
189Kb / 6P
22A, 200V N-CHANNEL POWER MOSFET
22N65 UTC-22N65_11 Datasheet
191Kb / 5P
22A, 650V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDA20N50F FAIRCHILD-FDA20N50F_12 Datasheet
378Kb / 8P
N-Channel MOSFET 500V, 22A, 0.26廓
logo
Alpha & Omega Semicondu...
AOK22N50 AOSMD-AOK22N50 Datasheet
441Kb / 5P
500V,22A N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com