Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25N40 Datasheet (PDF) - Unisonic Technologies

25N40 Datasheet PDF - Unisonic Technologies
Part # 25N40
Download  25N40 Download
File Size   182.69 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 400V, 26A N-CHANNEL POWER MOSFET

25N40 Datasheet (PDF)

Go To PDF Page Download Datasheet
25N40 Datasheet PDF - Unisonic Technologies

Part # 25N40
Download  25N40 Click to download

File Size   182.69 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 400V, 26A N-CHANNEL POWER MOSFET

25N40 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 25N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
25N40 ISC-25N40 Datasheet
60Kb / 2P
Fast Switching
25N40A ISC-25N40A Datasheet
359Kb / 2P
isc N-Channel MOSFET Transistor
25N40A ISC-25N40A Datasheet
243Kb / 2P
isc N-Channel MOSFET Transistor
25N40A ISC-25N40A_17 Datasheet
243Kb / 2P
isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
25N40G-T47-T UTC-25N40G-T47-T Datasheet
177Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results


Similar Description - 25N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP26N40 FAIRCHILD-FDP26N40 Datasheet
552Kb / 9P
N-Channel MOSFET 400V, 26A, 0.16廓
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
400V N-CHANNEL POWER MOSFET
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
1A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
5A, 400V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
10.5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
13A, 400V N-CHANNEL POWER MOSFET
26N50 UTC-26N50 Datasheet
187Kb / 6P
26A, 500V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
10A 400V N CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P26F28HP2 SHINDENGEN-P26F28HP2 Datasheet
2Mb / 8P
Power MOSFETs 280V, 26A, N-channel
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com