Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7388 Datasheet (PDF) - Unisonic Technologies

TDA7388 Datasheet PDF - Unisonic Technologies
Part # TDA7388
Download  TDA7388 Download
File Size   188.54 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER

TDA7388 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7388 Datasheet PDF - Unisonic Technologies

Part # TDA7388
Download  TDA7388 Click to download

File Size   188.54 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER

TDA7388 Datasheet (HTML) - Unisonic Technologies


TDA7388 Product details

DESCRIPTION
The UTC TDA7388 is a class AB Audio Power Amplifier. It allows a rail to rail output voltage swing with no need of bootstrap capacitors for the fully complementary PNP/NPN output configuration. The UTC TDA7388 is suitable for high end car radio applications.
„
FEATURES
* High Output Power@ VCC=14.4V, f=1kHz, RL=4 Ω:
   -4 x 41W Max.
   -4 x 25W @THD=10%
* Rail to rail output voltage swing
* Low THD & eNo




Similar Part No. - TDA7388

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7388 STMICROELECTRONICS-TDA7388 Datasheet
210Kb / 10P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
Jul-2005
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7388 STMICROELECTRONICS-TDA7388 Datasheet
607Kb / 13P
4 x 45 W quad bridge car radio amplifier
17-Sep-2013
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
538Kb / 13P
4 x 42 W quad bridge car radio amplifier
17-Sep-2013
More results


Similar Description - TDA7388

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7388 STMICROELECTRONICS-TDA7388 Datasheet
210Kb / 10P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
Jul-2005
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
4 x 45W quad bridge car radio amplifier
14-Nov-2007
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
4 x 45W quad bridge car radio amplifier
20-Dec-2007
TDA7384A STMICROELECTRONICS-TDA7384A_07 Datasheet
279Kb / 14P
4 x 42W quad bridge car radio amplifier
11-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com