Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7385 Datasheet (PDF) - STMicroelectronics

TDA7385 Datasheet PDF - STMicroelectronics
Part # TDA7385
Download  TDA7385 Download
File Size   322.94 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER

TDA7385 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7385 Datasheet PDF - STMicroelectronics

Part # TDA7385
Download  TDA7385 Click to download

File Size   322.94 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER

TDA7385 Datasheet (HTML) - STMicroelectronics


TDA7385 Product details

Description
The TDA7385 is an AB class audio power amplifier, packaged in Flexiwatt 25 and designed for high end car radio applications.
Based on a fully complementary PNP/NPN
configuration, the TDA7385 allows a rail to rail output voltage swing with no need of bootstrap capacitors. The extremely reduced boundary components count allows very compact sets.
The on-board clipping detector simplifies gain compression operations. The fault diagnostics makes it possible to detect mistakes during car radio assembly and wiring in the car.

Features
■ High output power capability:
   – 4 x 42 W / 4 Ω max.
   – 4 x 23 W / 4 Ω @ 14.4 V, 1 kHz, 10 %
■ Clipping detector
■ Low distortion
■ Low output noise
■ Standby function
■ Mute function
■ Automute at min. supply voltage detection
■ Diagnostics facility for:
   – Clipping
   – Out to GND short
   – Out to VS short
   – Thermal shutdown
■ Low external component count:
   – Internally fixed gain (26 dB)
   – No external compensation
   – No bootstrap capacitors
■ Protections:
   – Output short circuit to GND, to VS, across the load
   – Very inductive loads
   – Overrating chip temperature with soft thermal limiter
   – Load dump voltage
   – Fortuitous open GND
   – Reversed battery
   – ESD




Similar Part No. - TDA7385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
444Kb / 17P
4 x 42 W quad bridge car radio amplifier
16-Sep-2013
TDA7385 STMICROELECTRONICS-TDA7385_V01 Datasheet
444Kb / 17P
4 x 42 W quad bridge car radio amplifier
16-Sep-2013
More results


Similar Description - TDA7385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7256 STMICROELECTRONICS-TDA7256 Datasheet
116Kb / 10P
30W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7383 STMICROELECTRONICS-TDA7383 Datasheet
339Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
4 x 45W quad bridge car radio amplifier
14-Nov-2007
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
4 x 45W quad bridge car radio amplifier
20-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com