Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7256 Datasheet (PDF) - STMicroelectronics

TDA7256 Datasheet PDF - STMicroelectronics
Part # TDA7256
Download  TDA7256 Download
File Size   116.25 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30W BRIDGE CAR RADIO AMPLIFIER

TDA7256 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7256 Datasheet PDF - STMicroelectronics

Part # TDA7256
Download  TDA7256 Click to download

File Size   116.25 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30W BRIDGE CAR RADIO AMPLIFIER

TDA7256 Datasheet (HTML) - STMicroelectronics


TDA7256 Product details

DESCRIPTION
The TDA7256 is a class AB fully protected bridge power amplifier, designed for car radio applications. The high current capability allows to drive low impedance loads (up to 2Ω). The differential inputs availability makes it particularly suitable for boosters and active loudspeakersapplications.

■ NO AUDIBLE POP DURING MUTE AND STANDBY OPERATIONS
■ MUTING TTL COMPATIBLE
■ VERY LOW STANDBY CONSUMPTION
■ PROGRAMMABLE TURN ON DELAY
■ DIFFERENTIAL INPUT
■ SHORT CIRCUIT PROTECTIONS: RL SHORT - OUT TO GROUND - OUT TO VS
■ OTHER PROTECTIONS:
    - Load dump voltage surge
    - LoudspeakerDC current
    - Very inductive load
    - Overrating temperature
    - Open ground




Similar Part No. - TDA7256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7250 STMICROELECTRONICS-TDA7250 Datasheet
135Kb / 11P
6W AUDIO AMPLIFIER WITH STAND-BY
Mar-1995
TDA7253 STMICROELECTRONICS-TDA7253 Datasheet
50Kb / 5P
8W AMPLIFIER WITH MUTING
May-1997
TDA7253L STMICROELECTRONICS-TDA7253L Datasheet
103Kb / 8P
6W AMPLIFIER WITH MUTING
Sep-2004
TDA7255 STMICROELECTRONICS-TDA7255 Datasheet
341Kb / 6P
22W FRONT REAR OR BRIDGE FULLY PROTECTED CAR RADIO AMPLIFIER
logo
Infineon Technologies A...
TDA7255V INFINEON-TDA7255V Datasheet
2Mb / 109P
ASK/FSK 434 MHz Wireless Transceiver
Revision 1.1, 2010-11-10
More results


Similar Description - TDA7256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7383 STMICROELECTRONICS-TDA7383 Datasheet
339Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
114Kb / 8P
35W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7391PD STMICROELECTRONICS-TDA7391PD Datasheet
80Kb / 8P
32W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA7388 UTC-TDA7388_15 Datasheet
207Kb / 5P
QUAD BRIDGE CAR RADIO AMPLIFIER
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA7377 UTC-TDA7377_15 Datasheet
349Kb / 10P
30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com