Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7383 Datasheet (PDF) - STMicroelectronics

TDA7383 Datasheet PDF - STMicroelectronics
Part # TDA7383
Download  TDA7383 Download
File Size   339.38 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER

TDA7383 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7383 Datasheet PDF - STMicroelectronics

Part # TDA7383
Download  TDA7383 Click to download

File Size   339.38 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER

TDA7383 Datasheet (HTML) - STMicroelectronics


TDA7383 Product details

DESCRIPTION
The TDA7383 is a new technology class AB Audio Power Amplifier in Flexiwatt 25 package designed for high end car radio applications.

■ HIGH OUTPUT POWER CAPABILITY:
    4 x 35W/4Ω MAX.
    4 x 30W/4Ω EIAJ
    4 x 22W/4Ω @ 14.4V, 1KHz, 10%
    4 x 18.5W/4Ω @ 13.2V, 1KHz, 10%
■ CLIPPING DETECTOR
■ LOW DISTORTION
■ LOW OUTPUT NOISE
■ ST-BY FUNCTION
■ MUTE FUNCTION
■ AUTOMUTE AT MIN. SUPPLY VOLTAGE DETECTION
■ DIAGNOSTICS FACILITY FOR:
    – CLIPPING
    – OUT TO GND SHORT
    – OUT TO VS SHORT
    – THERMAL SHUTDOWN
■ LOW EXTERNAL COMPONENT COUNT:
    – INTERNALLY FIXED GAIN (32dB)
    – NO EXTERNAL COMPENSATION
    – NO BOOTSTRAP CAPACITORS

PROTECTIONS:
■ OUTPUT SHORT CIRCUIT TO GND, TO VS, ACROSS THE LOAD
■ VERY INDUCTIVE LOADS
■ OVERRATING CHIP TEMPERATURE WITH SOFT THERMAL LIMITER
■ LOAD DUMP VOLTAGE
■ FORTUITOUS OPEN GND
■ REVERSED BATTERY
■ ESD PROTECTION




Similar Part No. - TDA7383

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7381 STMICROELECTRONICS-TDA7381 Datasheet
294Kb / 10P
4 x 25W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7381 STMICROELECTRONICS-TDA7381 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7381 STMICROELECTRONICS-TDA7381 Datasheet
326Kb / 15P
4 x 25 W quad bridge car radio amplifier
16-Sep-2013
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7381 STMICROELECTRONICS-TDA7381_V01 Datasheet
326Kb / 15P
4 x 25 W quad bridge car radio amplifier
16-Sep-2013
More results


Similar Description - TDA7383

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7256 STMICROELECTRONICS-TDA7256 Datasheet
116Kb / 10P
30W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
4 x 45W quad bridge car radio amplifier
14-Nov-2007
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
4 x 45W quad bridge car radio amplifier
20-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com