Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391PD Datasheet (PDF) - STMicroelectronics

TDA7391PD Datasheet PDF - STMicroelectronics
Part # TDA7391PD
Download  TDA7391PD Download
File Size   80.56 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32W BRIDGE CAR RADIO AMPLIFIER

TDA7391PD Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7391PD Datasheet PDF - STMicroelectronics

Part # TDA7391PD
Download  TDA7391PD Click to download

File Size   80.56 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32W BRIDGE CAR RADIO AMPLIFIER

TDA7391PD Datasheet (HTML) - STMicroelectronics


TDA7391PD Product details

Description
The TDA7391PD is a bridge class AB audio power amplifier specially intended for car radio high power applications.
   
Features
■ High power capability:
    – 40 W/3.2 Ω EIAJ
    – 32 W/3.2 Ω @ VS = 14.4 V,
        f = 1 kHz, d = 10 %
    – 26 W/4 Ω @ VS = 14.4 V, f = 1 kHz,
        d = 10 %
■ Differential inputs (either single ended or
    differential input signal are accepted)
■ Minimum external component count:
    – No bootstrap capacitors
    – No Boucherot cells
    – Internally fixed gain (30 dB)
    – No SVR capacitor
■ Stand-by function (CMOS compatible)
■ Programmable turn-on/off delay
■ No audible pop during mute and stand-by
    operations
   
Protections
■ Short circuit (to GND, to VS, across the load)
■ Very inductive loads
■ Chip over temperature
■ Load dump
■ Open GND
■ ESD
   




Similar Part No. - TDA7391PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7391PD STMICROELECTRONICS-TDA7391PD Datasheet
171Kb / 11P
32 W bridge car radio amplifier
02-Jul-2008
TDA7391PD STMICROELECTRONICS-TDA7391PD Datasheet
288Kb / 12P
32 W bridge car radio amplifier
16-Sep-2013
TDA7391PD13TR STMICROELECTRONICS-TDA7391PD13TR Datasheet
171Kb / 11P
32 W bridge car radio amplifier
02-Jul-2008
TDA7391PDU STMICROELECTRONICS-TDA7391PDU Datasheet
288Kb / 12P
32 W bridge car radio amplifier
16-Sep-2013
TDA7391PDUTR STMICROELECTRONICS-TDA7391PDUTR Datasheet
243Kb / 12P
32 W bridge car radio amplifier
26-Jan-2011
More results


Similar Description - TDA7391PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Jul-1997
TDA7256 STMICROELECTRONICS-TDA7256 Datasheet
116Kb / 10P
30W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
114Kb / 8P
35W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7393 STMICROELECTRONICS-TDA7393 Datasheet
121Kb / 9P
2 x 32W DUAL BRIDGE CAR RADIO AMPLIFIER
Oct-1998
logo
Unisonic Technologies
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7391PD STMICROELECTRONICS-TDA7391PD_11 Datasheet
243Kb / 12P
32 W bridge car radio amplifier
26-Jan-2011
logo
Unisonic Technologies
TDA7388 UTC-TDA7388_15 Datasheet
207Kb / 5P
QUAD BRIDGE CAR RADIO AMPLIFIER
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com