Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7393 Datasheet (PDF) - STMicroelectronics

TDA7393 Datasheet PDF - STMicroelectronics
Part # TDA7393
Download  TDA7393 Download
File Size   121.78 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 32W DUAL BRIDGE CAR RADIO AMPLIFIER

TDA7393 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7393 Datasheet PDF - STMicroelectronics

Part # TDA7393
Download  TDA7393 Click to download

File Size   121.78 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 32W DUAL BRIDGE CAR RADIO AMPLIFIER

TDA7393 Datasheet (HTML) - STMicroelectronics


TDA7393 Product details

DESCRIPTION
The TDA7393 is a new technology class AB Audio Power Amplifier in Multiwatt15 package designed for high end car radio applications. Thanks to the fully complementary PNP/NPN output configuration the high power performances of the TDA7393 are obtained without bootstrap capacitors.

■ HIGH OUTPUT POWER CAPABILITY:
   2 x 35W max./4Ω
   2 x 32W EIAJ/4Ω
   2 x 22W typ./4Ω @ 14.4V, 1KHz, 10%
   2 x 19W typ./4Ω @ 13.2V, 1KHz, 10%
   2 x 28W typ./2Ω @ 14.4V, 1KHz, 10%
   2 x 25W typ./2Ω @ 13.2V, 1KHz, 10%
■ LOW DISTORTION
■ LOW OUTPUT NOISE
■ ST-BY FUNCTION
■ MUTE FUNCTION
■ AUTO-MUTE AT MIN. SUPPLY VOLTAGE DETECTION
■ LOW EXTERNAL COMPONENT COUNT
   – INTERNALLY FIXED GAIN (32dB)
   – NO EXTERNAL COMPENSATION
   – NO BOOTSTRAP CAPACITORS
■ ADDITIONAL MONO INPUT

PROTECTIONS:
■ OUTPUT AC/DC SHORT CIRCUIT TO GND AND TO VS
■ VERY INDUCTIVE LOADS
■ OVERRATING CHIP TEMPERATURE WITH SOFT THERMAL LIMITER
■ LOAD DUMP VOLTAGE
■ FORTUITOUS OPEN GND
■ REVERSE BATTERY
■ ESD PROTECTION




Similar Part No. - TDA7393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
114Kb / 8P
35W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
421Kb / 13P
35 W bridge car radio amplifier
18-Sep-2013
logo
List of Unclassifed Man...
TDA7391LV ETC2-TDA7391LV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
logo
STMicroelectronics
TDA7391LV STMICROELECTRONICS-TDA7391LV Datasheet
561Kb / 23P
40 W bridge car radio amplifier with low voltage operation
01-Dec-2014
TDA7391LVPD STMICROELECTRONICS-TDA7391LVPD Datasheet
561Kb / 23P
40 W bridge car radio amplifier with low voltage operation
01-Dec-2014
More results


Similar Description - TDA7393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7391PD STMICROELECTRONICS-TDA7391PD Datasheet
80Kb / 8P
32W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7374 STMICROELECTRONICS-TDA7374_08 Datasheet
360Kb / 19P
Dual bridge audio amplifier for car radio
30-Jun-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com