Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7393 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7393
Description  2 x 32W DUAL BRIDGE CAR RADIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7393 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7393 Datasheet HTML 1Page - STMicroelectronics TDA7393 Datasheet HTML 2Page - STMicroelectronics TDA7393 Datasheet HTML 3Page - STMicroelectronics TDA7393 Datasheet HTML 4Page - STMicroelectronics TDA7393 Datasheet HTML 5Page - STMicroelectronics TDA7393 Datasheet HTML 6Page - STMicroelectronics TDA7393 Datasheet HTML 7Page - STMicroelectronics TDA7393 Datasheet HTML 8Page - STMicroelectronics TDA7393 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (VS = 13.2V; f = 1KHz; Rg = 600
Ω;RL =4Ω;Tamb =25°C;
Refer to the application circuit, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iq1
Quiescent Current
90
180
mA
VOS
Output Offset Voltage
150
mV
Gv
Voltage Gain
30.5
32
33.5
dB
Po
Output Power
THD = 10%; VS = 14.4V
THD = 10%
THD = 1%
THD = 10%; RL =2
Ω
THD = 10%; VS = 14.4V;
RL =2
Ω
17
22
19
16
25
28
W
W
W
W
W
Po max
Max. Output Power
EIAJ RULES; VS = 13.7V
30
W
THD
Distortion
Po = 0.1 to 8W
0.08
0.3
%
eNo
Output Noise
Bw = 20Hz to 20KHz
0.3
mVrms
SVR
Supply Voltage Rejection
f = 100Hz (stereo)
60
dB
fL
Low Cut-Off Frequency
10
Hz
fH
High Cut-Off Frequency
300
KHz
Ri
Input Impedance
10
15
20
K
Ω
CT
Cross Talk
f = 1KHz
50
65
dB
ISB
St-By Current Consumption
100
µA
VSB out
St-By OUT Threshold Voltage
Amp. ON
3.5
V
VSB IN
St-By IN Threshold Voltage
Amp. OFF
1.5
V
VSB
Supply Dependent St-By
Threshold
St-By = H,
VS reducing/increasing
7.5
8.3
V
AM
Mute Attenuation
VO = 1Vrms
75
dB
VM out
Mute OUT Threshold Voltage
Amp. Play
3.5
V
VMin
Mute IN Threshold Voltage
Amp. Mute
1.5
V
VM
Supply Dependent Mute
Threshold
Mute = IN,
VS reducing/increasing
8.5
9.3
V
Im (L)
Muting Pin Current
VMUTE = 1.5V
(Sourced Current)
610
14
µA
Im (H)
Muting Pin Current
VMUTE = 3.5V
(Sourced Current)
610
14
µA
Figure 1: Quiescent Current vs. Supply Voltage
Figure 2: Output Power vs. Supply Voltage
RL =4
Ω
RL =4
Ω
f = 1KHz
TDA7393
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com