Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391LVPD Datasheet (PDF) - STMicroelectronics

TDA7391LVPD Datasheet PDF - STMicroelectronics
Part # TDA7391LVPD
Download  TDA7391LVPD Download
File Size   561.18 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 W bridge car radio amplifier with low voltage operation

TDA7391LVPD Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7391LVPD Datasheet PDF - STMicroelectronics

Part # TDA7391LVPD
Download  TDA7391LVPD Click to download

File Size   561.18 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 W bridge car radio amplifier with low voltage operation

TDA7391LVPD Datasheet (HTML) - STMicroelectronics


TDA7391LVPD Product details

Features
 High power capability:
– 40 W/ 4 Ω max
– 45 W/ 3.2 Ω max
– 32 W/ 3.2 Ω @ VS = 14.4 V, f = 1 kHz,
THD = 10 %
– 26 W/ 4 Ω @ VS = 14.4 V, f = 1 kHz,
THD = 10%
 Differential inputs (either single ended or
differential input signal is accepted)
 Minimum external component count
 Standby function (CMOS compatible)
 Capable to operate to 6 V - ‘start-stop’ and
‘e-call’ compatibility
 Protections:
– Short circuit (to GND, to VS, across the
load)
– Very inductive loads
– Chip over temperature
– Load dump
– Open GND
– ESD




Similar Part No. - TDA7391LVPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA7391LV ETC2-TDA7391LV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
More results


Similar Description - TDA7391LVPD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
40 W car radio high power amplifier
1996 May 14
logo
STMicroelectronics
TDA7256 STMICROELECTRONICS-TDA7256 Datasheet
116Kb / 10P
30W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
114Kb / 8P
35W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7391PD STMICROELECTRONICS-TDA7391PD_08 Datasheet
171Kb / 11P
32 W bridge car radio amplifier
02-Jul-2008
TDA7391PD STMICROELECTRONICS-TDA7391PD_11 Datasheet
243Kb / 12P
32 W bridge car radio amplifier
26-Jan-2011
TDA7391PDUTR STMICROELECTRONICS-TDA7391PDUTR Datasheet
243Kb / 12P
32 W bridge car radio amplifier
26-Jan-2011
logo
Unisonic Technologies
TDA7388 UTC-TDA7388_15 Datasheet
207Kb / 5P
QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com