Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391 Datasheet (PDF) - STMicroelectronics

TDA7391 Datasheet PDF - STMicroelectronics
Part # TDA7391
Download  TDA7391 Download
File Size   114.33 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 35W BRIDGE CAR RADIO AMPLIFIER

TDA7391 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7391 Datasheet PDF - STMicroelectronics

Part # TDA7391
Download  TDA7391 Click to download

File Size   114.33 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 35W BRIDGE CAR RADIO AMPLIFIER

TDA7391 Datasheet (HTML) - STMicroelectronics


TDA7391 Product details

DESCRIPTION
The TDA7391 is a BRIDGE class AB audio power amplifier specially intended for car radio High Power applications.   
The high power capability together with the possibility to operate either in DIFFERENTIAL INPUT MODE or SINGLE ENDED INPUT MODE makes it suitable for boosters and high end car radio equipments.
   
■ HIGH POWER CAPABILITY:
    40W/4Ω MAX
    35W/4Ω EIAJ
    45W/3.2Ω MAX
    40W/3.2Ω EIAJ
    32W/3.2Ω @ VS = 14.4V, f = 1KHz, d = 10%
    26W/4Ω @ VS = 14.4V, f = 1KHz, d = 10%
■ DIFFERENTIAL INPUTS (EITHER SINGLE
    ENDED OR DIFFERENTIAL INPUT SIGNAL
    ARE ACCEPTED)
■ MINIMUM EXTERNAL COMPONENT COUNT:
    - NO BOOTSTRAP CAPACITORS
    - NO BOUCHEROT CELLS
    - INTERNALLY FIXED GAIN (30dB)
    - NO SVR CAPACITOR
■ ST.-BY FUNCTION (CMOS COMPATIBLE)
■ PROGRAMMABLE TURN-ON/OFF DELAY
■ NO AUDIBLE POP DURING MUTE AND STBY OPERATIONS
   
PROTECTIONS:
■ SHORT CIRCUIT (TO GND, TO VS, ACROSS
    THE LOAD)
■ VERY INDUCTIVE LOADS
■ CHIP OVERTEMPERATURE
■ LOAD DUMP
■ OPEN GND
■ ESD

   




Similar Part No. - TDA7391

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
421Kb / 13P
35 W bridge car radio amplifier
18-Sep-2013
logo
List of Unclassifed Man...
TDA7391LV ETC2-TDA7391LV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
logo
STMicroelectronics
TDA7391LV STMICROELECTRONICS-TDA7391LV Datasheet
561Kb / 23P
40 W bridge car radio amplifier with low voltage operation
01-Dec-2014
TDA7391LVPD STMICROELECTRONICS-TDA7391LVPD Datasheet
561Kb / 23P
40 W bridge car radio amplifier with low voltage operation
01-Dec-2014
TDA7391LVPDTR STMICROELECTRONICS-TDA7391LVPDTR Datasheet
561Kb / 23P
40 W bridge car radio amplifier with low voltage operation
01-Dec-2014
More results


Similar Description - TDA7391

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7256 STMICROELECTRONICS-TDA7256 Datasheet
116Kb / 10P
30W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
2 x 35W POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7384A STMICROELECTRONICS-TDA7384A Datasheet
304Kb / 9P
4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7391PD STMICROELECTRONICS-TDA7391PD Datasheet
80Kb / 8P
32W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7454 STMICROELECTRONICS-TDA7454 Datasheet
240Kb / 13P
4 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
2 X 35W POWER AMPLIFIER FOR CAR RADIO
Apr-2004
logo
Unisonic Technologies
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA7388 UTC-TDA7388_15 Datasheet
207Kb / 5P
QUAD BRIDGE CAR RADIO AMPLIFIER
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com