Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7391
Description  35W BRIDGE CAR RADIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7391 Datasheet HTML 1Page - STMicroelectronics TDA7391 Datasheet HTML 2Page - STMicroelectronics TDA7391 Datasheet HTML 3Page - STMicroelectronics TDA7391 Datasheet HTML 4Page - STMicroelectronics TDA7391 Datasheet HTML 5Page - STMicroelectronics TDA7391 Datasheet HTML 6Page - STMicroelectronics TDA7391 Datasheet HTML 7Page - STMicroelectronics TDA7391 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
28
V
VOP
Operating Supply Voltage
18
V
VPEAK
Peak Supply Voltage (t = 50ms)
50
V
IO
Output Peak Current repetitive (f > 10Hz)
Output Peak Current non repetitive
4.5
6
A
A
Ptot
Power Dissipation (TCASE =85
°C)
43
W
Tstg,Tj
Storage and Junction-Case Temperature
-40 to 150
°C
ELECTRICAL CHARACTERISTICS (VS = 14.4V; RL =4
Ω, f = 1KHz, Tamb =25°C, unless otherwise
specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
8
18
V
Iq
Total Quiescent Current
60
150
mA
VOS
Output Offset Voltage
120
mV
ISB
ST-BY Current
VST-BY = 1.5V
100
µA
ISBin
ST-BY Input Bias Current
VST-BY =5V
10
µA
VSBon
ST-BY On Threshold Voltage
1.5
V
VSBoff
ST-BY Off threshold Voltage
3.5
V
ATTST-BY
ST-BY Attenuation
90
dB
IMin
Mute Input Bias Current
(VMUTE = 5V)
10
µA
AM
Mute Attenuation
90
dB
PO
Output Power
d = 10%
d= 1%
d = 10%; RL = 3.2
Ω
20
26
21
32
W
W
W
PO EIAJ
EIAJ Output Power (*)
VS = 13.7V; RL = 3.2
Ω
40
W
PO MAX
MAX Output Power (*)
VS = 14.4V; RL = 3.2
Ω
45
W
d
Distortion
PO = 0.1 to 15W
0.06
0.03
%
%
GV
Voltage Gain
29.5
30
30.5
dB
fH
High Frequency rolloff
PO = 1W; -3dB
75
KHz
RIN
Input Impedance
Differential
36
60
K
Ω
Single Ended
30
55
K
Ω
EIN
Input Noise Voltage
Rg =0
Ω ;f = 22Hz to 22KHz
4
mV
CMRR
Input Common Mode Rejection
f = 1KHz; VIN = 1Vrms
65
dB
SVR
Supply Voltage Rejection
Rg =0
Ω;Vr = 1Vrms
60
dB
CDL
Clipping Detection Level
5
10
15
%
Tsd
Absolute Thermal Shutdown
Junction Temperature
160
°C
(*) Saturated sqare wave output.
TDA7391
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com