Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7391
Description  35W BRIDGE CAR RADIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7391 Datasheet HTML 1Page - STMicroelectronics TDA7391 Datasheet HTML 2Page - STMicroelectronics TDA7391 Datasheet HTML 3Page - STMicroelectronics TDA7391 Datasheet HTML 4Page - STMicroelectronics TDA7391 Datasheet HTML 5Page - STMicroelectronics TDA7391 Datasheet HTML 6Page - STMicroelectronics TDA7391 Datasheet HTML 7Page - STMicroelectronics TDA7391 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
+
-
39
VCC1
VCC2
REFERENCES
STANDBY THRESHOLD
SHORT CIRCUIT
DUMP & THERMAL
PROTECTION
ICM
1
2
COMMON
MODE
-
+
VCC/2
-
+
gm
+
-
MUTE THRESHOLD
PROGRAMMABLE
CURRENT CIRCUIT
LTS
V=f (Tj)
POWER AMP
POWER AMP
THD
DETECT
LTS
DISABLE
10
11
8
5
4
7
IN-
IN+
OUT-
CD
OUT+
6
MUTE
SYNC
GND
STANDBY
D94AU134
VS
Figure 2: Block Diagram
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max
1.8
°C/W
1
2
3
4
5
6
7
9
10
11
8
MUTE
SYNC
+V
S
STAND-BY
OUT+
GND
OUT-
CD
+VS
IN+
IN-
TAB CONNECTED TO PIN 6
D94AU135
PIN CONNECTION (Top view)
TDA7391
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com