Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7391
Description  35W BRIDGE CAR RADIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7391 Datasheet HTML 1Page - STMicroelectronics TDA7391 Datasheet HTML 2Page - STMicroelectronics TDA7391 Datasheet HTML 3Page - STMicroelectronics TDA7391 Datasheet HTML 4Page - STMicroelectronics TDA7391 Datasheet HTML 5Page - STMicroelectronics TDA7391 Datasheet HTML 6Page - STMicroelectronics TDA7391 Datasheet HTML 7Page - STMicroelectronics TDA7391 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TDA7391
35W BRIDGE CAR RADIO AMPLIFIER
HIGH POWER CAPABILITY:
40W/4
Ω MAX
35W/4
Ω EIAJ
45W/3.2
Ω MAX
40W/3.2
Ω EIAJ
32W/3.2
Ω @VS = 14.4V, f = 1KHz, d = 10%
26W/4
Ω @VS = 14.4V, f = 1KHz, d = 10%
DIFFERENTIAL INPUTS (EITHER SINGLE
ENDED OR DIFFERENTIAL INPUT SIGNAL
ARE ACCEPTED)
MINIMUM EXTERNAL COMPONENT COUNT:
- NO BOOTSTRAP CAPACITORS
- NO BOUCHEROT CELLS
- INTERNALLY FIXED GAIN (30dB)
- NO SVR CAPACITOR
ST.-BY FUNCTION (CMOS COMPATIBLE)
PROGRAMMABLE TURN-ON/OFF DELAY
NO AUDIBLE POP DURING MUTE AND ST-
BY OPERATIONS
PROTECTIONS:
SHORT CIRCUIT (TO GND, TO VS, ACROSS
THE LOAD)
VERY INDUCTIVE LOADS
CHIP OVERTEMPERATURE
LOAD DUMP
OPEN GND
ESD
DESCRIPTION
The TDA7391 is a BRIDGE class AB audio power
amplifier specially intended for car radio High
Power applications.
The high power capability together with the possi-
bility to operate either in DIFFERENTIAL INPUT
MODE or SINGLE ENDED INPUT MODE makes
it suitable for boosters and high end car radio
equipments.
The exclusive fully complementary output stage
and the internal fixed gain configuration drop the
external component count.
The on board clipping detector allows easy imple-
mentation of gain compression systems.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
October 1998
®
1
2
11
IN-
C2 0.22
µF
C1 0.22
µF
IN+
8
ST-BY
10
6
OUT+
OUT-
7
5
4
Vref
CD
TDA7391
D94AU133
R1
4.7K
C4 1000
µF
GND
R2
56K
C3
33
µF
C5 100nF
39
TO
µC
+VS
VS
SW1
Figure 1: Test And Application Circuit
Multiwatt11
ORDERING NUMBER: TDA7391
1/8


Similar Part No. - TDA7391

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
421Kb / 13P
35 W bridge car radio amplifier
18-Sep-2013
logo
List of Unclassifed Man...
TDA7391LV ETC2-TDA7391LV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
logo
STMicroelectronics
TDA7391LV STMICROELECTRONICS-TDA7391LV Datasheet
561Kb / 23P
40 W bridge car radio amplifier with low voltage operation
01-Dec-2014
TDA7391LVPD STMICROELECTRONICS-TDA7391LVPD Datasheet
561Kb / 23P
40 W bridge car radio amplifier with low voltage operation
01-Dec-2014
TDA7391LVPDTR STMICROELECTRONICS-TDA7391LVPDTR Datasheet
561Kb / 23P
40 W bridge car radio amplifier with low voltage operation
01-Dec-2014
More results

Similar Description - TDA7391

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7256 STMICROELECTRONICS-TDA7256 Datasheet
116Kb / 10P
30W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
2 x 35W POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7384A STMICROELECTRONICS-TDA7384A Datasheet
304Kb / 9P
4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7391PD STMICROELECTRONICS-TDA7391PD Datasheet
80Kb / 8P
32W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7454 STMICROELECTRONICS-TDA7454 Datasheet
240Kb / 13P
4 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
2 X 35W POWER AMPLIFIER FOR CAR RADIO
Apr-2004
logo
Unisonic Technologies
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA7388 UTC-TDA7388_15 Datasheet
207Kb / 5P
QUAD BRIDGE CAR RADIO AMPLIFIER
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com