Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7391 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7391
Description  35W BRIDGE CAR RADIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7391 Datasheet HTML 1Page - STMicroelectronics TDA7391 Datasheet HTML 2Page - STMicroelectronics TDA7391 Datasheet HTML 3Page - STMicroelectronics TDA7391 Datasheet HTML 4Page - STMicroelectronics TDA7391 Datasheet HTML 5Page - STMicroelectronics TDA7391 Datasheet HTML 6Page - STMicroelectronics TDA7391 Datasheet HTML 7Page - STMicroelectronics TDA7391 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FUNCTIONAL DESCRIPTION
Pin
Function
Description
1, 2
INPUTS
The input stage is a high impedance type also capable of operation in single ended mode
with one input capacitively coupled to the signal GND. The impedance seen by the
inverting and non inverting input pins must be matched.
3,9
+VS
Supply Voltage.
4CD
The TDA7391 is equipped with a diagnostic circuitry able to detect the clipping in the
Output Signal (distortion = 10%).
The CD pin (open collector) gives out low level signal during clipping.
5, 7
OUTPUTS
The output stage is a bridge type able to drive loads as low as 3.2
Ω.
It consists of two class AB fully complementary PNP/NPN stages fully protected.
A rail to rail output voltage swing is achieved without need of bootstrap capacitors.
No external compensation is necessary.
6
GND
Ground.
8
STAND-BY
The device features a ST-BY function which shuts down all the internal bias supplies
when the ST-BY pin is low.
In ST-BY mode the amplifier sinks a small current (in the range of few
µA).
When the ST-BY pin is high the IC becomes fully operational.
10
SYNC
A resistor (R2) has to be connect between pin 10 and GND in order to program the current
that flows in the C3 capacitor (pin 11). The values of C3 and R2 determine the time
required to bias the amplifier.
11
MUTE
The pin will have a capacitor (C3) tied to GND to set the MUTE/STAND-BY time. An
automatic Mute during turn on/off is provided to prevent noisy transients.
Figure 3: P.C. Board and Component Layout of the Fig. 1 (1:1 scale).
TDA7391
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com