Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7454 Datasheet (PDF) - STMicroelectronics

TDA7454 Datasheet PDF - STMicroelectronics
Part # TDA7454
Download  TDA7454 Download
File Size   240.21 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER

TDA7454 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7454 Datasheet PDF - STMicroelectronics

Part # TDA7454
Download  TDA7454 Click to download

File Size   240.21 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER

TDA7454 Datasheet (HTML) - STMicroelectronics


TDA7454 Product details

DESCRIPTION
The TDA7454 is a new BCD technology QUAD BRIDGE type of car radio amplifier in Flexiwatt25 package specially intended for car radio applications. Among the features, its superior efficiency performance coming from the internal exclusive structure, makes it the most suitable device to simplify the thermal management in high power sets. The dissipated output power under average listening condition is in fact reduced up to 50% when compared to the level provided by conventional class AB solutions.

■ HIGH OUTPUT POWER CAPABILITY:
   4 x 40W/4Ω MAX.
   4 x 35W/4Ω EIAJ.
   4 x 25W/4Ω @14.4V, 1KHz, 10%
   4 x 60W/2Ω MAX.
■ 2Ω DRIVING CAPABILITY
■ DUAL MODE OPERATING EXTERNALLY PRESETTABLE:
   CONVENTIONAL CLASS A B MODE, HIGH EFFICIENCY MODE
■ LOW EXTERNAL COMPONENTS COUNT:
   – NO BOOTSTRAP CAPACITORS
   – NO EXTERNAL COMPENSATION
   – INTERNALLY FIXED GAIN (26dB)
■ CLIPPING DETECTOR
■ ST-BY FUNCTION (CMOS COMPATIBLE)
■ MUTE FUNCTION (CMOS COMPATIBLE)
■ AUTOMUTE AT MINIMUM SUPPLY VOLTAGE DETECTION
■ LOW RADIATION

Protections:
■ OUPUT SHORT CIRCUIT TO GND; TO VS; ACROSS THE LOAD
■ 3 STEPS OVERRATING CHIP TEMPERATURE WITH THERMAL WARNING
■ LOAD DUMP VOLTAGE
■ FORTUITOUS OPEN GND
■ LOUDSPEAKER DC CURRENT
■ ESD




Similar Part No. - TDA7454

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7451 STMICROELECTRONICS-TDA7451 Datasheet
79Kb / 9P
4x7W OR 2x22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY
Oct-1999
More results


Similar Description - TDA7454

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7384A STMICROELECTRONICS-TDA7384A Datasheet
304Kb / 9P
4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
114Kb / 8P
35W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
4 x 45W quad bridge car radio amplifier
14-Nov-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com