Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7454 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7454
Description  4 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7454 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7454 Datasheet HTML 1Page - STMicroelectronics TDA7454 Datasheet HTML 2Page - STMicroelectronics TDA7454 Datasheet HTML 3Page - STMicroelectronics TDA7454 Datasheet HTML 4Page - STMicroelectronics TDA7454 Datasheet HTML 5Page - STMicroelectronics TDA7454 Datasheet HTML 6Page - STMicroelectronics TDA7454 Datasheet HTML 7Page - STMicroelectronics TDA7454 Datasheet HTML 8Page - STMicroelectronics TDA7454 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TDA7454
4 x 35W HIGH EFFICIENCY QUAD BRIDGE
CAR RADIO AMPLIFIER
HIGH OUTPUT POWER CAPABILITY:
4 x 40W/4
Ω MAX.
4 x 35W/4
Ω EIAJ.
4 x 25W/4
Ω @14.4V, 1KHz, 10%
4 x 60W/2
Ω MAX.
2
Ω DRIVING CAPABILITY
DUAL MODE OPERATING EXTERNALLY
PRESETTABLE: CONVENTIONAL CLASS A-
B MODE, HIGH EFFICIENCY MODE
LOW EXTERNAL COMPONENTS COUNT:
– NO BOOTSTRAP CAPACITORS
– NO EXTERNAL COMPENSATION
– INTERNALLY FIXED GAIN (26dB)
CLIPPING DETECTOR
ST-BY FUNCTION (CMOS COMPATIBLE)
MUTE FUNCTION (CMOS COMPATIBLE)
AUTOMUTE AT MINIMUM SUPPLY
VOLTAGE DETECTION
LOW RADIATION
Protections:
OUPUT SHORT CIRCUIT
TO GND; TO VS; ACROSS THE LOAD
3 STEPS OVERRATING CHIP TEMPERA-
TURE WITH THERMAL WARNING
LOAD DUMP VOLTAGE
FORTUITOUS OPEN GND
LOUDSPEAKER DC CURRENT
ESD
DESCRIPTION
The TDA7454 is a new BCD technology QUAD
BRIDGE type of car radio amplifier in Flexiwatt25
packagespecially intendedfor car radio applications.
Among the features, its superior efficiency per-
formance coming from the internal exclusive
structure, makes it the most suitable device to
simplify the thermal management in high power
sets. The dissipated output power under average
listening condition is in fact reduced up to 50%
when compared to the level provided by conven-
tional class AB solutions.
October 1999
Flexiwatt 25
7
8
9
-
+
5
2
3
+
-
19
18
17
21
24
23
-
+
+
-
RIGHT FRONT
RIGHT REAR
LEFT FRONT
LEFT REAR
SVR
11
12
15
14
MUTE
22
ST-BY
4
IN LEFT
REAR
IN LEFT
FRONT
100
µF
IN RIGHT
FRONT
IN RIGHT
REAR
0.22
µF
0.22
µF
0.22
µF
0.22
µF
10
CD
25
1
TAB
13
S-GND
STD/HI- EFF
16
VCC2
VCC1
VCC
20
6
D94AU172C
BLOCK & APPLICATION DIAGRAM
MULTIPOWER BCD TECHNOLOGY
1/13


Similar Part No. - TDA7454

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7451 STMICROELECTRONICS-TDA7451 Datasheet
79Kb / 9P
4x7W OR 2x22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY
Oct-1999
More results

Similar Description - TDA7454

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7384A STMICROELECTRONICS-TDA7384A Datasheet
304Kb / 9P
4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
114Kb / 8P
35W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
4 x 45W quad bridge car radio amplifier
14-Nov-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com