Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7451 Datasheet (PDF) - STMicroelectronics

TDA7451 Datasheet PDF - STMicroelectronics
Part # TDA7451
Download  TDA7451 Download
File Size   79.0 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4x7W OR 2x22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY

TDA7451 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7451 Datasheet PDF - STMicroelectronics

Part # TDA7451
Download  TDA7451 Click to download

File Size   79.0 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4x7W OR 2x22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY

TDA7451 Datasheet (HTML) - STMicroelectronics


TDA7451 Product details

HIGH OUTPUT POWER CAPABILITY:

   4 x 9.5W OR 2 x 32W/4Ω MAX

   4 x 8.5W OR 2 x 28W/4Ω EIAJ

   4 x 7W OR 2 x 22W/4Ω @14.4V, 1KHz; 10%

MINIMIZED EXTERNAL COUNT

  - NO NEED OF DECOUPLING CAPACITORS

  - NO NEED OF BOOTSTRAP CAPACITOR

  - NO NEED OF EXTERNAL COMPENSATION

  - INTERNALLY FIXED GAIN (20dB)

POP-FREE AUDIO SECTION

ST-BY FUNCTION (C-MOS)

MUTE FUNCTION (C-MOS)

CLIP DETECTOR, THERMAL WARNING,SHORT CIRCUIT DETECTION

BUILT-IN VOLTAGE REGULATORS:

  - 5V @ 150mA WITH RESET

  - 5V @ 500mA WITH ST-BY

  - 8.5V @ 200mA WITH ST-BY

REGULATORS DIAGNOSTIC FEATURE: UNDERVOLTAGE, 8.5V DROP SENSE, SHORT CIRCUIT, LOAD DUMP, OVER-TEMPERATURE

 




Similar Part No. - TDA7451

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7454 STMICROELECTRONICS-TDA7454 Datasheet
240Kb / 13P
4 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
More results


Similar Description - TDA7451

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1394 NTE-NTE1394 Datasheet
24Kb / 2P
5.5W Dual Power Amplifier Car Radio, Car Stereo Output Audio Power Amplifier
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
12 W car radio power amplifier
November 1982
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
24 W BTL car radio power amplifier
July 1994
logo
STMicroelectronics
TDA7370 STMICROELECTRONICS-TDA7370 Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
12W AF Power Amplifier For Car Radio or Car Stereo
logo
Wuxi Youda electronics ...
YD1028 YOUDA-YD1028 Datasheet
103Kb / 6P
18W CAR RADIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
12W AF Power Amplifier for Car Radio, Car Stereo
logo
STMicroelectronics
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com