Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7451 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7451
Description  4x7W OR 2x22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7451 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7451 Datasheet HTML 1Page - STMicroelectronics TDA7451 Datasheet HTML 2Page - STMicroelectronics TDA7451 Datasheet HTML 3Page - STMicroelectronics TDA7451 Datasheet HTML 4Page - STMicroelectronics TDA7451 Datasheet HTML 5Page - STMicroelectronics TDA7451 Datasheet HTML 6Page - STMicroelectronics TDA7451 Datasheet HTML 7Page - STMicroelectronics TDA7451 Datasheet HTML 8Page - STMicroelectronics TDA7451 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DIAGNOSTIC OUTPUT
Diag On Vs
Low Vs Diag. ON Threshold
7
7.5
8
V
Diag Off Vs
Low Vs Diag. OFF Thrershold
7.6
V
Diag Hyst Vs
Low Vs Diag. Hysteresis
100
150
mV
Diag Dump
Diag. Threshold vs Overvoltage
20
21
22
V
Diag On
Drop
VREG3 Output Voltage Drop
Before Diag. Activation
IO3 = 100mA
90
200
mV
Vout On Diag Diag. Output Voltage
Diag activated
R (Diag to VREG1)
≥ 15K
1.5
V
VO2
Output Voltage 2
IO2 = 5mA
4.85
5
5.15
V
∆VO2
Load Regulation 2
IO2 = 5 to 500mA
100
mV
IL02
Current Limit 2
VO2 = 0V
0.8
1
1.5
A
∆VO2
Dropout Voltage
IO2 = 500mA
1
1.5
V
SVR
Ripple Rejection
Vripple = 1Vpp; I02 = 100mA
f = 100Hz
f = 10KHz
60
50
dB
dB
∆VO2
Line Regulation
VS = 8 to 18V, IO2 = 5mA
10
40
mV
VO3
Output Voltage 3
IO3 = 5mA
8.25
8.5
8.75
V
∆VO3
Load Regulation 3
IO3 = 5 to 200mA
80
mV
IL03
Current Limit 3
300
400
800
mA
∆VO3
Dropout Voltage
IO3 = 200mA
1
V
SVR
Ripple Rejection
Vripple = 1Vpp; I03 = 100mA
f = 100Hz
f = 10KHz
60
50
dB
dB
∆VO3
Line Regulation 3
VS = 11 to 18V, IO3 = 5mA
10
40
mV
REG1
5V 150mA
REG3
8.5V 200mA
STCAP
OUT
SHORT
OUT
SHORT
EN
REG2
5V 500mA
OUT
SHORT
EN
+
-
+
-
7.5V
21V
HYST=0.1V
DUMP
Tj>170
+
-
+
-
2.8V
2.2V
AMPLIFIERS
OVERLOAD
AMPLIFIERS
CLIPPING
EN
REFERENCE
+
-
4V
HYST=0.5V
DROP SENSE
OUT
Tj>150
VCC
DIAG
D96AU504B
STCAP
REG1
RESET
REG3
CD
ST-BY
REG2
DIAGNOSTIC DIAGRAM
TDA7451
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com