Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7451 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7451
Description  4x7W OR 2x22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7451 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7451 Datasheet HTML 1Page - STMicroelectronics TDA7451 Datasheet HTML 2Page - STMicroelectronics TDA7451 Datasheet HTML 3Page - STMicroelectronics TDA7451 Datasheet HTML 4Page - STMicroelectronics TDA7451 Datasheet HTML 5Page - STMicroelectronics TDA7451 Datasheet HTML 6Page - STMicroelectronics TDA7451 Datasheet HTML 7Page - STMicroelectronics TDA7451 Datasheet HTML 8Page - STMicroelectronics TDA7451 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA7451
4x7W OR 2x22W CAR RADIO POWER AMPLIFIER PLUS
TRIPLE POWER SUPPLY
PRELIMINARY DATA
HIGH OUTPUT POWER CAPABILITY:
4 x 9.5W OR 2 x 32W/4
Ω MAX
4 x 8.5W OR 2 x 28W/4
Ω EIAJ
4 x 7W OR 2 x 22W/4
Ω @14.4V,1KHz; 10%
MINIMIZED EXTERNAL COUNT
- NO NEED OF DECOUPLING CAPACITORS
- NO NEED OF BOOTSTRAP CAPACITOR
- NO NEED OF EXTERNAL COMPENSATION
- INTERNALLY FIXED GAIN (20dB)
POP-FREE AUDIO SECTION
ST-BY FUNCTION (C-MOS)
MUTE FUNCTION (C-MOS)
CLIP DETECTOR,
THERMAL
WARNING,
SHORT CIRCUIT DETECTION
BUILT-IN VOLTAGE REGULATORS:
- 5V @ 150mA WITH RESET
- 5V @ 500mA WITH ST-BY
- 8.5V @ 200mA WITH ST-BY
REGULATORS DIAGNOSTIC FEATURE: UN-
DERVOLTAGE, 8.5V DROP SENSE, SHORT
CIRCUIT, LOAD DUMP, OVER-TEMPERA-
TURE
PROTECTIONS
General:
LOAD DUMP
OVERRATING CHIP TEMPERATURE
Audio Section:
OUT SHORT (TO GND, TO Vs
AND
ACROSS THE LOAD)
Power Supply Section:
SHORT CIRCUIT PROTECTION (OUT TO
GND)
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
October 1999
®
IN RF
VO3
VCC1
D95AU311C
+
-
+
RESET
10
µF
+
-
+
PW-GND
1000
µF
VCC2
0.1
µF
VCC
200mA
REG.
-
-+
RF
RR
-
-+
LF
LR
HVCC
hvcc
ST-BY
1
µF
MUTE
10K
Ω
IN RR
0.1
µF
0.1
µF
500mA
REG.
8.5V
IN LR
IN LF
0.1
µF
0.1
µF
VO2
5V
150mA
REG.
10
µF
VO1
5V
DIAG
470
µF
STCAP
SVR
DDL
S-GND
10
µF
12
22
8
2
3
4
9
7
10
5
15
14
16
13
18,24
19
17
25
21
23
11
620
1
TAB
47µF
22K
22K
DIAG
10
µF
10K
Ω
BLOCK DIAGRAM
Flexiwatt25
ORDERING NUMBER: TDA7451
1/9


Similar Part No. - TDA7451

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7454 STMICROELECTRONICS-TDA7454 Datasheet
240Kb / 13P
4 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
More results

Similar Description - TDA7451

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1394 NTE-NTE1394 Datasheet
24Kb / 2P
5.5W Dual Power Amplifier Car Radio, Car Stereo Output Audio Power Amplifier
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
12 W car radio power amplifier
November 1982
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
24 W BTL car radio power amplifier
July 1994
logo
STMicroelectronics
TDA7370 STMICROELECTRONICS-TDA7370 Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
12W AF Power Amplifier For Car Radio or Car Stereo
logo
Wuxi Youda electronics ...
YD1028 YOUDA-YD1028 Datasheet
103Kb / 6P
18W CAR RADIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
12W AF Power Amplifier for Car Radio, Car Stereo
logo
STMicroelectronics
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com