Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7241B Datasheet (PDF) - STMicroelectronics

TDA7241B Datasheet PDF - STMicroelectronics
Part # TDA7241B
Download  TDA7241B Download
File Size   110.62 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20W BRIDGE AMPLIFIER FOR CAR RADIO

TDA7241B Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7241B Datasheet PDF - STMicroelectronics

Part # TDA7241B
Download  TDA7241B Click to download

File Size   110.62 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20W BRIDGE AMPLIFIER FOR CAR RADIO

TDA7241B Datasheet (HTML) - STMicroelectronics


TDA7241B Product details

20W BRIDGE AMPLIFIER FOR CAR RADIO



DESCRIPTION

The TDA7241B is a 20W bridge audio amplifier IC designed specially for car radio applications.

Thanks to the low external part count and compact Heptawatt 7-pin power package the

TDA7241B occupies little space on the printed circuit board.

Reliable operation is guaranteed by a compre hensive array of on-chip protection features.

These include protection against AC and DC out put short circuits (to ground and across the load),

load dump transients, and junction overtemperature. Additionally, the TDA7241B protects the

loudspeaker when one output is short-circuited to ground.



VERY LOW STAND-BY CURRENT

GAIN = 32dB

OUTPUT PROTECTED AGAINST SHORT CIRCUITS TO GROUND AND ACROSS LOAD

COMPACT HEPTAWATT PACKAGE

DUMP TRANSIENT

THERMAL SHUTDOWN

LOUDSPEAKER PROTECTION

HIGH CURRENT CAPABILITY

LOW DISTORTION / LOW NOISE




Similar Part No. - TDA7241B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7240 STMICROELECTRONICS-TDA7240 Datasheet
90Kb / 8P
20WBRIDGE AMPLIFIER FOR CAR RADIO
Dec-1998
TDA7240A STMICROELECTRONICS-TDA7240A Datasheet
90Kb / 8P
20WBRIDGE AMPLIFIER FOR CAR RADIO
Dec-1998
TDA7240AH STMICROELECTRONICS-TDA7240AH Datasheet
90Kb / 8P
20WBRIDGE AMPLIFIER FOR CAR RADIO
Dec-1998
TDA7240AV STMICROELECTRONICS-TDA7240AV Datasheet
90Kb / 8P
20WBRIDGE AMPLIFIER FOR CAR RADIO
Dec-1998
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
Mar-1995
More results


Similar Description - TDA7241B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1396 NTE-NTE1396 Datasheet
23Kb / 3P
Integrated Circuit 20W Bridge Booster for Car Radio
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
Apr-1995
logo
Unisonic Technologies
A7240 UTC-A7240 Datasheet
106Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Feb-2005
logo
Unisonic Technologies
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005_15 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com