Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7241B Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7241B
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7241B Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7241B Datasheet HTML 1Page - STMicroelectronics TDA7241B Datasheet HTML 2Page - STMicroelectronics TDA7241B Datasheet HTML 3Page - STMicroelectronics TDA7241B Datasheet HTML 4Page - STMicroelectronics TDA7241B Datasheet HTML 5Page - STMicroelectronics TDA7241B Datasheet HTML 6Page - STMicroelectronics TDA7241B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
18
V
VS
DC Supply Voltage
28
V
VS
Peak Supply Voltage (t = 50ms)
40
V
IO
Peak Output Current (non repetitive t = 0.1ms)
4.5
A
IO
Peak Output Current (repetitive f > 10Hz)
3.5
A
Ptot
Power Dissipation at Tcase =85
°C16
W
Tstg,Tj
Storage and Junction Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max
4
°C/W
PIN CONNECTION (Top view)
TDA7241B
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com