Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90N02 Datasheet (PDF) - Unisonic Technologies

90N02 Datasheet PDF - Unisonic Technologies
Part # 90N02
Download  90N02 Download
File Size   131.86 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 90A, 20V N-CHANNEL POWER MOSFET

90N02 Datasheet (PDF)

Go To PDF Page Download Datasheet
90N02 Datasheet PDF - Unisonic Technologies

Part # 90N02
Download  90N02 Click to download

File Size   131.86 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 90A, 20V N-CHANNEL POWER MOSFET

90N02 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 90N02

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
90N03 VBSEMI-90N03 Datasheet
1,001Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Wuxi Unigroup Microelec...
90N03AT WUMC-90N03AT Datasheet
404Kb / 8P
30V N-Channel Trench MOSFET(Preliminary)
V1.1
logo
Inchange Semiconductor ...
90N06 ISC-90N06 Datasheet
137Kb / 2P
Drain Current ?밒D= 90A@ TC=25C
logo
Analog Power
90N07 ANALOGPOWER-90N07 Datasheet
364Kb / 5P
N-Channel 75-V (D-S) MOSFET
More results


Similar Description - 90N02

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
Union Semiconductor, In...
UM2302 UNIONSEMI-UM2302 Datasheet
288Kb / 7P
20V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM210N02CX TSC-TSM210N02CX Datasheet
447Kb / 5P
20V N-Channel Power MOSFET
TSM250N02CX TSC-TSM250N02CX Datasheet
443Kb / 5P
20V N-Channel Power MOSFET
logo
Union Semiconductor, In...
UM2302 UNIONSEMI-UM2302_14 Datasheet
202Kb / 7P
20V N-Channel Power MOSFET
logo
Renesas Technology Corp
GWS4621L RENESAS-GWS4621L Datasheet
524Kb / 8P
Dual 20V N-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WNM2016 WILLSEMI-WNM2016 Datasheet
851Kb / 7P
N-Channel, 20V, 3.2A, Power MOSFET
logo
Nell Semiconductor Co.,...
NST110N60SJ NELLSEMI-NST110N60SJ Datasheet
2Mb / 7P
N-Channel Power MOSFET 90A/600V
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com