Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4066 Datasheet (PDF) - Unisonic Technologies

CD4066 Datasheet PDF - Unisonic Technologies
Part # CD4066
Download  CD4066 Download
File Size   255.37 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUAD BILATERAL SWITCH

CD4066 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4066 Datasheet PDF - Unisonic Technologies

Part # CD4066
Download  CD4066 Click to download

File Size   255.37 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUAD BILATERAL SWITCH

CD4066 Datasheet (HTML) - Unisonic Technologies


CD4066 Product details

DESCRIPTION
The UTC CD4066is a quad bilateral switch which can be applied for switching of analog signals and digital signals. When control input CONT is set to “H” level, the impedance between input and output of the switch becomes low and when it is set to “L” level, the impedance becomes high. It has a much lower “ON” resistance, and “ON” resistance is relatively constant over the input-signal range.

FEATURES
* 15V Digital or ±7.5V Peak-to-Peak Switching
* 85-ΩTypical On-State Resistance for 15V Operation
* High noise immunity 0.45 VDD(typ.)
* Matched “ON” resistance ∆RON=5Ω(typ.) over 15V signal input
* High degree linearity 0.1% distortion (typ.) 
   @ fIS=1kHz, VIS=5VP-P, VDD-VSS=5V, RL=10kΩ
* Extremely low “OFF” 0.1nA (typ.) 
   switch leakage: @ VDD-VSS=10V, TA=25°C
* Extremely high control input impedance 1012Ω(typ.)
* Frequency response, switch “ON” 40 MHz (typ.)




Similar Part No. - CD4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066 TI-CD4066 Datasheet
547Kb / 20P
CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4066 INTERSIL-CD4066 Datasheet
99Kb / 9P
CMOS 4-Bit Magnitude Comparator
December 1992
logo
Shenzhen Huazhimei Semi...
CD4066 HMSEMI-CD4066 Datasheet
826Kb / 10P
two-way analog switch
logo
List of Unclassifed Man...
CD4066 ETC2-CD4066 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
SYC Electronica
CD4066 SYC-CD4066 Datasheet
145Kb / 9P
Quad Bilateral Switch
More results


Similar Description - CD4066

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
Quad Bilateral Switch
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
QUAD BILATERAL SWITCH
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
29-Jul-2004
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
Quad Bilateral Switch
logo
Unisonic Technologies
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com