Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4066 Datasheet (PDF) - Intersil Corporation

CD4066 Datasheet PDF - Intersil Corporation
Part # CD4066
Download  CD4066 Download
File Size   99.61 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4-Bit Magnitude Comparator

CD4066 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4066 Datasheet PDF - Intersil Corporation

Part # CD4066
Download  CD4066 Click to download

File Size   99.61 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4-Bit Magnitude Comparator

CD4066 Datasheet (HTML) - Intersil Corporation


CD4066 Product details

Description
CD4066BMS is a quad bilateral switch intended for the transmission or multiplexing of analog or digital signals. It is pin for pin compatible with CD4016B, but exhibits a much lower on state resistance. In addition, the on-state resistance is relatively constant over the full input signal range.

Features
• For Transmission or Multiplexing of Analog or Digital Signals
• High Voltage Types (20V Rating)
• 15V Digital or±7.5V Peak-to-Peak Switching
• 125ΩTypical On-State Resistance for 15V Operation
• Switch On-State Resistance Matched to Within 5Ω Over 15V Signal Input Range
• On-State Resistance Flat Over Full Peak-to-Peak Signal Range
• High On/Off Output Voltage Ratio
   - 80dB Typ. at FIS = 10kHz, RL = 1kΩ
• High Degree of Linearity: <0.5% Distortion Typ.
   at FIS = 1kHz, VIS = 5Vp-p, VDD - VSS≥10V, RL = 10kΩ
• Extremely Low Off-State Switch Leakage Resulting in Very Low Offset Current and
   High Effective Off-State Resistance: 10pA Typ. at VDD - VSS = 10V, TA= +25°C
• Extremely High Control Input Impedance (Control Circuit Isolated from Signal Circuit): 1012ΩTyp.
• Low Crosstalk Between Switches: -50dB Typ. at FIS = 8MHz, RL = 1kΩ
• Matched Control Input to Signal Output Capacitance: Reduces Output Signal Transients
• Frequency Response, Switch on = 40MHz (Typ.)
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings

Applications
• Analog Signal Switching/Multiplexing
   - Signal Gating - Modulator
   - Squelch Control - Demodulator
   - Chopper - Commutating Switch
• Digital Signal Switching/Multiplexing
• Transmission Gate Logic Implementation
• Analog to Digital & Digital to Analog Conversion
• Digital Control of Frequency, Impedance, Phase, and Analog Signal Gain




Similar Part No. - CD4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066 TI-CD4066 Datasheet
547Kb / 20P
CMOS QUAD BILATERAL SWITCH
logo
Unisonic Technologies
CD4066 UTC-CD4066 Datasheet
255Kb / 8P
QUAD BILATERAL SWITCH
logo
Shenzhen Huazhimei Semi...
CD4066 HMSEMI-CD4066 Datasheet
826Kb / 10P
two-way analog switch
logo
List of Unclassifed Man...
CD4066 ETC2-CD4066 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
SYC Electronica
CD4066 SYC-CD4066 Datasheet
145Kb / 9P
Quad Bilateral Switch
More results


Similar Description - CD4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI-CD4585B Datasheet
221Kb / 5P
CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
CMOS 4-Bit Magnitude Comparator
CD4585BE TI-CD4585BE Datasheet
512Kb / 12P
CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
CMOS 4-Bit Magnitude Comparator
logo
Renesas Technology Corp
CD4063BMS RENESAS-CD4063BMS Datasheet
84Kb / 8P
CMOS 4-Bit Magnitude Comparator
December 1992
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com