Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5469 Datasheet (PDF) - Siemens Semiconductor Group

LS5469 Datasheet PDF - Siemens Semiconductor Group
Part # LS5469
Download  LS5469 Download
File Size   361.83 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description LC 5 mm T1 3/4 LED, Diffused Low Current LED

LS5469 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS5469 Datasheet PDF - Siemens Semiconductor Group

Part # LS5469
Download  LS5469 Click to download

File Size   361.83 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description LC 5 mm T1 3/4 LED, Diffused Low Current LED

LS5469 Datasheet (HTML) - Siemens Semiconductor Group


LS5469 Product details

Features
● colored, diffused package
● for use as optical indicator
● high luminous intensity at low currents (typ. 2 mA)
● solder leads without stand-off
● available taped on reel
● load dump resistant acc. to DIN 40839




Similar Part No. - LS5469

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS5460-HL SIEMENS-LS5460-HL Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LS5460-J SIEMENS-LS5460-J Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LS5460-JM SIEMENS-LS5460-JM Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LS5460-K SIEMENS-LS5460-K Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LS5460-L SIEMENS-LS5460-L Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
More results


Similar Description - LS5469

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
5 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
5 mm T1 3/4 LED, Diffused Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LS3369 SIEMENS-LS3369 Datasheet
126Kb / 7P
LC 3 mm T1 LED, Diffused Low Current LED
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com