Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3369 Datasheet (PDF) - Siemens Semiconductor Group

LS3369 Datasheet PDF - Siemens Semiconductor Group
Part # LS3369
Download  LS3369 Download
File Size   126.13 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description LC 3 mm T1 LED, Diffused Low Current LED

LS3369 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS3369 Datasheet PDF - Siemens Semiconductor Group

Part # LS3369
Download  LS3369 Click to download

File Size   126.13 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description LC 3 mm T1 LED, Diffused Low Current LED

LS3369 Datasheet (HTML) - Siemens Semiconductor Group


LS3369 Product details

Features
● colored, diffused package
● for use as optical indicator
● high luminous intensity at low currents (typ. 2 mA)
● solder leads with stand-off
● available taped on reel
● load dump resistant acc. to DIN 40839




Similar Part No. - LS3369

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3360 SIEMENS-LS3360 Datasheet
91Kb / 1P
T1(3mm) LED LAMP
LS3360-HL SIEMENS-LS3360-HL Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3360-K SIEMENS-LS3360-K Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3360-KN SIEMENS-LS3360-KN Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3360-L SIEMENS-LS3360-L Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
More results


Similar Description - LS3369

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
3 mm (T1) LED, Non Diffused
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
3 mm T1 3/4 LED, Diffused Wide-Angle LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
LC 5 mm T1 3/4 LED, Diffused Low Current LED
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LSK382 SIEMENS-LSK382 Datasheet
471Kb / 8P
Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
3 mm (T1) LED, Non Diffused
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com