Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3369 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LS3369
Description  LC 3 mm T1 LED, Diffused Low Current LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3369 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LS3369 Datasheet HTML 1Page - Siemens Semiconductor Group LS3369 Datasheet HTML 2Page - Siemens Semiconductor Group LS3369 Datasheet HTML 3Page - Siemens Semiconductor Group LS3369 Datasheet HTML 4Page - Siemens Semiconductor Group LS3369 Datasheet HTML 5Page - Siemens Semiconductor Group LS3369 Datasheet HTML 6Page - Siemens Semiconductor Group LS3369 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
1998-07-13
Durchlaßstrom
I
F = f (VF)
Forward current
T
A = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tP)
Permissible pulse handling capability
Duty cycle D = parameter,
T
A = 25 °C
Relative Lichtstärke
I
V/IV(2 mA) = f (IF)
Relative luminous intensity
T
A = 25 °C
Maximal zulässiger Durchlaßstrom
Max. permissible forward current
I
F = f (TA)
10 -1
V
5
OHL01208
Ι
F
F
V
0
10
1
10
2
10
5
mA
1.0
1.4
1.8
2.2
2.6
3.0
3.4
yellow
green
super-red
OHL01278
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
Ι
T
T
P
F
t P
=
D= 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 0
5
Ι
F
t
1
10
2
10
3
10
5
mA
0.1
p
V
V(2mA)
10 -1
0
10
10 12
10
mA
10 -3
5
OHL01207
F
Ι
5
-2
10
5
-1
10
0
10
1
10
Ι
Ι
55
green
super-red
yellow
0
OHL01193
Ι
F
˚C
A
T
0
20
40
60
80
100
1
2
3
4
5
6
mA
8
LS 3369, LY 3369, LG 3369



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com