Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3369 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LS3369
Description  LC 3 mm T1 LED, Diffused Low Current LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3369 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LS3369 Datasheet HTML 1Page - Siemens Semiconductor Group LS3369 Datasheet HTML 2Page - Siemens Semiconductor Group LS3369 Datasheet HTML 3Page - Siemens Semiconductor Group LS3369 Datasheet HTML 4Page - Siemens Semiconductor Group LS3369 Datasheet HTML 5Page - Siemens Semiconductor Group LS3369 Datasheet HTML 6Page - Siemens Semiconductor Group LS3369 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
1998-07-13
LC 3 mm (T1) LED, Diffused
Low Current LED
LS 3369, LY 3369, LG 3369
Streuung der Lichterstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 2 mA
I
V (mcd)
Bestellnummer
Ordering Code
LS 3369-EH
LS 3369-G
LS 3369-H
LS 3369-GK
super-red
red diffused
0.63 … 5.0
1.60 … 3.2
2.50 … 5.0
1.60 … 12.5
Q62703-Q1748
Q62703-Q2068
Q62703-Q3820
Q62703-Q3821
LY 3369-EH
LY 3369-F
LY 3369-G
LY 3369-H
LY 3369-FJ
yellow
yellow diffused
0.63 … 5.0
1.00 … 2.0
1.60 … 3.2
2.50 … 5.0
1.00 … 8.0
Q62703-Q1749
Q62703-Q2030
Q62703-Q2029
Q62703-Q1906
Q62703-Q3822
LG 3369-EH
LG 3369-F
LG 3369-G
LG 3369-FJ
green
green diffused
0.63 … 5.0
1.00 … 2.0
1.60 … 3.2
1.00 … 8.0
Q62703-Q1750
Q62703-Q2069
Q62703-Q2070
Q62703-Q3823
Besondere Merkmale
q
eingefärbtes, diffuses Gehäuse
q
als optischer Indikator einsetzbar
q
hohe Lichtstärke bei kleinen Strömen (typ. 2 mA)
q
Lötspieße mit Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, diffused package
q
for use as optical indicator
q
high luminous intensity at low currents (typ. 2 mA)
q
solder leads with stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Similar Part No. - LS3369

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3360 SIEMENS-LS3360 Datasheet
91Kb / 1P
T1(3mm) LED LAMP
LS3360-HL SIEMENS-LS3360-HL Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3360-K SIEMENS-LS3360-K Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3360-KN SIEMENS-LS3360-KN Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3360-L SIEMENS-LS3360-L Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
More results

Similar Description - LS3369

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
3 mm (T1) LED, Non Diffused
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
3 mm T1 3/4 LED, Diffused Wide-Angle LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
LC 5 mm T1 3/4 LED, Diffused Low Current LED
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LSK382 SIEMENS-LSK382 Datasheet
471Kb / 8P
Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
3 mm (T1) LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com