Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3369 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # LS3369
Description  LC 3 mm T1 LED, Diffused Low Current LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3369 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  LS3369 Datasheet HTML 1Page - Siemens Semiconductor Group LS3369 Datasheet HTML 2Page - Siemens Semiconductor Group LS3369 Datasheet HTML 3Page - Siemens Semiconductor Group LS3369 Datasheet HTML 4Page - Siemens Semiconductor Group LS3369 Datasheet HTML 5Page - Siemens Semiconductor Group LS3369 Datasheet HTML 6Page - Siemens Semiconductor Group LS3369 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
1998-07-13
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LY
LG
Wellenlänge des emittierten Lichtes(typ.)
Wavelength at peak emission(typ.)
I
F = 7.5 mA
λ
peak
635
586
565
nm
Dominantwellenlänge(typ.)
Dominant wavelength(typ.)
I
F = 7.5 mA
λ
dom
628
590
570
nm
Spektrale Bandbreite bei 50 %
I
rel max(typ.)
Spectral bandwidth at 50 %
I
rel max(typ.)
I
F = 7.5 mA
∆λ
45
45
25
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
Viewing angle at 50 %
I
V
2
ϕ
60
60
60
Grad
deg.
Durchlaßspannung(typ.)
Forward voltage(max.)
I
F = 2 mA
V
F
V
F
1.8
2.6
2.0
2.7
1.9
2.6
V
V
Sperrstrom(typ.)
Reverse current(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
µA
µA
Kapazität(typ.)
Capacitance
V
R = 0 V, ƒ = 1 MHz
C
0
3315
pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %(typ.)
I
V from 90 % to 10 %(typ.)
I
F = 100 mA, tP = 10 µs, RL = 50 Ω
t
r
t
f
200
150
200
150
450
200
ns
ns
LS 3369, LY 3369, LG 3369



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com