Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569 Datasheet (PDF) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2569 Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Part # TSL2569
Download  TSL2569 Download
File Size   395.71 Kbytes
Page   36 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description LIGHT-TO-DIGITAL CONVERTER

TSL2569 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL2569 Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2569
Download  TSL2569 Click to download

File Size   395.71 Kbytes
Page   36 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description LIGHT-TO-DIGITAL CONVERTER

TSL2569 Datasheet (HTML) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS


TSL2569 Product details

Description
The TSL2568 and TSL2569 are high-sensitivity light-to-digital converters that transform light intensity to a digital signal output capable of direct I2C (TSL2569) or SMBus (TSL2568) interface. Each device combines one broadband photodiode (visible plus infrared) and one infrared-responding photodiode on a single CMOS integrated circuit capable of providing a near-photopic response over an effective 20-bit dynamic range (16-bit resolution). Two integrating ADCs convert the photodiode currents to a digital output that represents the irradiance measured on each channel. This digital output can be input to a microprocessor where illuminance (ambient light level) in lux is derived using an empirical formula to approximate the human eye response. The TSL2568 device permits an SMB-Alert style interrupt, and the TSL2569 device supports a traditional level style interrupt that remains asserted until the firmware clears it.

● Approximates Human Eye Response
● Approximately 4x More Sensitive Than TSL2560/61 Device
● Programmable Interrupt Function with User-Defined Upper and Lower Threshold Settings
● 16-Bit Digital Output with SMBus (TSL2568) at 100 kHz or I2C (TSL2569) Fast-Mode at 400 kHz
● Programmable Analog Gain and Integration Time Supporting 1,000,000-to-1 Dynamic Range
● Available in Ultra-Small 1.25 mm  1.75 mm Chipscale Package
● Automatically Rejects 50/60-Hz Lighting Ripple
● Low Active Power (0.75 mW Typical) with Power Down Mode
● RoHS Compliant




Similar Part No. - TSL2569

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2569 AMSCO-TSL2569 Datasheet
791Kb / 37P
LIGHT-TO-DIGITAL CONVERTER
logo
OSRAM GmbH
TSL2569 OSRAM-TSL2569 Datasheet
1Mb / 56P
Light-to-Digital Converter
v1-00 2016-Apr-12
TSL2569CS OSRAM-TSL2569CS Datasheet
1Mb / 56P
Light-to-Digital Converter
v1-00 2016-Apr-12
TSL2569T OSRAM-TSL2569T Datasheet
1Mb / 56P
Light-to-Digital Converter
v1-00 2016-Apr-12
More results


Similar Description - TSL2569

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL2571 TAOS-TSL2571 Datasheet
221Kb / 24P
LIGHT-TO-DIGITAL CONVERTER
TSL2580 TAOS-TSL2580 Datasheet
354Kb / 34P
LIGHT-TO-DIGITAL CONVERTER
TSL2581 TAOS-TSL2581 Datasheet
272Kb / 32P
LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2569 AMSCO-TSL2569 Datasheet
791Kb / 37P
LIGHT-TO-DIGITAL CONVERTER
TSL2571 AMSCO-TSL2571 Datasheet
706Kb / 25P
LIGHT-TO-DIGITAL CONVERTER
TSL2572 AMSCO-TSL2572 Datasheet
747Kb / 25P
LIGHT-TO-DIGITAL CONVERTER
TSL2583 AMSCO-TSL2583 Datasheet
764Kb / 33P
LIGHT-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
TSL2583FN ETC2-TSL2583FN Datasheet
764Kb / 33P
LIGHT-TO-DIGITAL CONVERTER
TSL25723FN ETC2-TSL25723FN Datasheet
282Kb / 24P
LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2568 AMSCO-TSL2568_V01 Datasheet
948Kb / 55P
Light-to-Digital Converter
2016-Apr-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com