Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT20N10L-TN3-R Datasheet (PDF) - Unisonic Technologies

UTT20N10L-TN3-R Datasheet PDF - Unisonic Technologies
Part # UTT20N10L-TN3-R
Download  UTT20N10L-TN3-R Download
File Size   199.4 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 100V N-CHANNEL POWER MOSFET

UTT20N10L-TN3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT20N10L-TN3-R Datasheet PDF - Unisonic Technologies

Part # UTT20N10L-TN3-R
Download  UTT20N10L-TN3-R Click to download

File Size   199.4 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 100V N-CHANNEL POWER MOSFET

UTT20N10L-TN3-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT20N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT20N10L-TN3-R VBSEMI-UTT20N10L-TN3-R Datasheet
1,010Kb / 7P
N-Channel 100 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UTT20N10L-TN3-R DOINGTER-UTT20N10L-TN3-R Datasheet
2Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - UTT20N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20NE10 STMICROELECTRONICS-STP20NE10 Datasheet
81Kb / 8P
N - CHANNEL 100V - 0.07ohm - 20A - TO-220 STripFET MOSFET
Jul-1998
logo
Fairchild Semiconductor
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76629D3 FAIRCHILD-HUFA76629D3 Datasheet
203Kb / 10P
20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
logo
Fairchild Semiconductor
FDPF3860T FAIRCHILD-FDPF3860T Datasheet
551Kb / 8P
N-Channel PowerTrench짰 MOSFET 100V, 20A, 38.2m廓
logo
Rohm
RSD201N10 ROHM-RSD201N10 Datasheet
705Kb / 13P
Nch 100V 20A Power MOSFET
RSD201N10FRA ROHM-RSD201N10FRA Datasheet
519Kb / 16P
Nch 100V 20A Power MOSFET
RD3P200SNFRA ROHM-RD3P200SNFRA Datasheet
2Mb / 15P
Nch 100V 20A Power MOSFET
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Rohm
RD3P02BAT ROHM-RD3P02BAT Datasheet
2Mb / 14P
Pch -100V -20A Power MOSFET
20230105 - Rev.002
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com