Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT100N05 Datasheet (PDF) - Unisonic Technologies

UTT100N05 Datasheet PDF - Unisonic Technologies
Part # UTT100N05
Download  UTT100N05 Download
File Size   129.19 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100A, 50V N-CHANNEL POWER MOSFET

UTT100N05 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT100N05 Datasheet PDF - Unisonic Technologies

Part # UTT100N05
Download  UTT100N05 Click to download

File Size   129.19 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100A, 50V N-CHANNEL POWER MOSFET

UTT100N05 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UTT100N05

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT100N06 UTC-UTT100N06 Datasheet
134Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT100N06G-TA3-T UTC-UTT100N06G-TA3-T Datasheet
134Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT100N06G-TA3-T UTC-UTT100N06G-TA3-T Datasheet
160Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT100N06L-TA3-T UTC-UTT100N06L-TA3-T Datasheet
134Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT100N06L-TA3-T UTC-UTT100N06L-TA3-T Datasheet
160Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - UTT100N05

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N05 UTC-60N05 Datasheet
136Kb / 3P
60A, 50V N-CHANNEL POWER MOSFET
ULB4132 UTC-ULB4132 Datasheet
236Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UT100N03 UTC-UT100N03 Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UT100N03-Q UTC-UT100N03-Q Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
100N02 UTC-100N02 Datasheet
133Kb / 3P
100A, 15V N-CHANNEL POWER TRENCH MOSFET
logo
First Components Intern...
IRFZ44N FCI-IRFZ44N Datasheet
154Kb / 5P
55A 50V N CHANNEL POWER MOSFET
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
BSS138W AITSEMI-BSS138W Datasheet
546Kb / 7P
POWER MOSFET N-CHANNEL 200mA, 50V
REV1.0
BSS139D AITSEMI-BSS139D Datasheet
645Kb / 6P
POWER MOSFET N-CHANNEL 200mA, 50V
REV1.0
BSS139W AITSEMI-BSS139W Datasheet
641Kb / 6P
POWER MOSFET N-CHANNEL 200mA, 50V
REV1.0
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com