Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60N05 Datasheet (PDF) - Unisonic Technologies

60N05 Datasheet PDF - Unisonic Technologies
Part # 60N05
Download  60N05 Download
File Size   136.74 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 60A, 50V N-CHANNEL POWER MOSFET

60N05 Datasheet (PDF)

Go To PDF Page Download Datasheet
60N05 Datasheet PDF - Unisonic Technologies

Part # 60N05
Download  60N05 Click to download

File Size   136.74 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 60A, 50V N-CHANNEL POWER MOSFET

60N05 Datasheet (HTML) - Unisonic Technologies


60N05 Product details

DESCRIPTION

The UTC 60N05 is an N-channel power MOSFET using UTC’s advanced technology to provide the customers with perfect RDS(ON), high switching speed, high current capacity and low gate charge. The UTC 60N05 is suitable for motor control, AC-DC or DC-DC converters and audio amplifiers, etc.  



FEATURES

* RDS(ON)=12mΩ@ VGS=10V,ID=30A

* High Switching Speed

* High Current Capacity

* Low Gate Charge(typical 130nC)




Similar Part No. - 60N05

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
60N05 ISC-60N05 Datasheet
67Kb / 2P
Fast Switching Speed
60N05-16 ISC-60N05-16 Datasheet
276Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 60N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG60P05E FAIRCHILD-RFG60P05E Datasheet
403Kb / 8P
60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Intersil Corporation
RFG60P05E INTERSIL-RFG60P05E Datasheet
94Kb / 7P
60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
60N06 UTC-60N06_12 Datasheet
316Kb / 8P
60A, 60V N-CHANNEL POWER MOSFET
UTT60N05 UTC-UTT60N05 Datasheet
134Kb / 3P
60A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT100N05 UTC-UTT100N05 Datasheet
129Kb / 3P
100A, 50V N-CHANNEL POWER MOSFET
60N15 UTC-60N15 Datasheet
134Kb / 3P
60A, 150V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRFZ44N FCI-IRFZ44N Datasheet
154Kb / 5P
55A 50V N CHANNEL POWER MOSFET
IRFZ44V FCI-IRFZ44V Datasheet
157Kb / 5P
60A 60V N CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
NST60N60SJ NELLSEMI-NST60N60SJ Datasheet
2Mb / 7P
N-Channel Power MOSFET 60A/600V
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com