Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUB371 Datasheet (PDF) - Siemens Semiconductor Group

LUB371 Datasheet PDF - Siemens Semiconductor Group
Part # LUB371
Download  LUB371 Download
File Size   335.07 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused

LUB371 Datasheet (PDF)

Go To PDF Page Download Datasheet
LUB371 Datasheet PDF - Siemens Semiconductor Group

Part # LUB371
Download  LUB371 Click to download

File Size   335.07 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused

LUB371 Datasheet (HTML) - Siemens Semiconductor Group


LUB371 Product details

Features
● colorless, partly diffused package
● 2.54 mm lead spacing
● high signal efficiency possible by color change of the LED
● indication of different operation modes is possible by color change of the LED from red to green
● both colors can be controlled separately
● solder leads with stand-off
● available taped on reel
● load dump resistant acc. to DIN 40839




Similar Part No. - LUB371

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LUB370 SIEMENS-LUB370 Datasheet
96Kb / 1P
TWO-COLOR, RED AND GREEN RECTANGULAR LED LAMP
LUB370-EJ SIEMENS-LUB370-EJ Datasheet
96Kb / 1P
TWO-COLOR, RED AND GREEN RECTANGULAR LED LAMP
LUB370-FK SIEMENS-LUB370-FK Datasheet
96Kb / 1P
TWO-COLOR, RED AND GREEN RECTANGULAR LED LAMP
LUB370-GK SIEMENS-LUB370-GK Datasheet
96Kb / 1P
TWO-COLOR, RED AND GREEN RECTANGULAR LED LAMP
More results


Similar Description - LUB371

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLSH510 VISHAY-TLSH510 Datasheet
101Kb / 8P
Symbol LED, 2.5 x 5 mm Flat Tinted Top-Diffused Package
04-Feb-99
TLSV5100 VISHAY-TLSV5100 Datasheet
92Kb / 6P
Bicolor Symbol LED in 2.5 x 5 mm Untinted Top-Diffused Package
04-Feb-99
logo
Siemens Semiconductor G...
LRB480 SIEMENS-LRB480 Datasheet
429Kb / 7P
Symbol LED 5 mm x 2.5 mm, Partly Diffused
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
3 mm (T1) MULTILED, Diffused
LU5351 SIEMENS-LU5351 Datasheet
325Kb / 7P
5 mm (T1 3/4) MULTILED , Diffused
LUH371 SIEMENS-LUH371 Datasheet
331Kb / 7P
Symbol MULTILED 5 mm T1 3/4, Partly Diffused
logo
Vishay Siliconix
TLSG5101 VISHAY-TLSG5101 Datasheet
128Kb / 7P
Symbol LED, 2.5 x 5 mm Flat Tinted Top-Diffused Package
05-Oct-00
TLVS5100 VISHAY-TLVS5100 Datasheet
109Kb / 6P
Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
23-May-13
TLSV5100 VISHAY-TLSV5100_V01 Datasheet
107Kb / 6P
Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
23-May-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com