Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUH371 Datasheet (PDF) - Siemens Semiconductor Group

LUH371 Datasheet PDF - Siemens Semiconductor Group
Part # LUH371
Download  LUH371 Download
File Size   331.41 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Symbol MULTILED 5 mm T1 3/4, Partly Diffused

LUH371 Datasheet (PDF)

Go To PDF Page Download Datasheet
LUH371 Datasheet PDF - Siemens Semiconductor Group

Part # LUH371
Download  LUH371 Click to download

File Size   331.41 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Symbol MULTILED 5 mm T1 3/4, Partly Diffused

LUH371 Datasheet (HTML) - Siemens Semiconductor Group


LUH371 Product details

Features
● partly diffused, colorless package
● 2.54 mm lead spacing
● high signal efficiency by color change of the LED from green to yellow and orange to superred
● ideal for multiplexed or pulsed operations
● both colors can be controlled separately
● solder leads with stand-off
● available taped on reel
● load dump resistant acc. to DIN 40839




Similar Part No. - LUH371

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LUH370 SIEMENS-LUH370 Datasheet
415Kb / 10P
TWO-COLOR, RED AND GREEN CYLINDER LED LAMP
LUH370-FK SIEMENS-LUH370-FK Datasheet
415Kb / 10P
TWO-COLOR, RED AND GREEN CYLINDER LED LAMP
LUH370-GK SIEMENS-LUH370-GK Datasheet
415Kb / 10P
TWO-COLOR, RED AND GREEN CYLINDER LED LAMP
LUH370-GL SIEMENS-LUH370-GL Datasheet
415Kb / 10P
TWO-COLOR, RED AND GREEN CYLINDER LED LAMP
More results


Similar Description - LUH371

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LRB480 SIEMENS-LRB480 Datasheet
429Kb / 7P
Symbol LED 5 mm x 2.5 mm, Partly Diffused
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
3 mm (T1) MULTILED, Non Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
3 mm (T1) MULTILED, Diffused
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
Plane MULTILED 3 mm T1 LED, Non Diffused
LU5351 SIEMENS-LU5351 Datasheet
325Kb / 7P
5 mm (T1 3/4) MULTILED , Diffused
LUB371 SIEMENS-LUB371 Datasheet
335Kb / 7P
Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com