Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4148-G Datasheet (PDF) - Comchip Technology

1N4148-G Datasheet PDF - Comchip Technology
Part # 1N4148-G
Download  1N4148-G Download
File Size   88.94 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Switching Diode

1N4148-G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4148-G Datasheet PDF - Comchip Technology

Part # 1N4148-G
Download  1N4148-G Click to download

File Size   88.94 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Switching Diode

1N4148-G Datasheet (HTML) - Comchip Technology


1N4148-G Product details

Voltage: 100V
Current: 0.15A
RoHS Device

Features
- Surge overload ratings to 2 amperes peak.
- Ideal for printed circuit board.

Mechanical data
- Case: Glass, DO-35
- Lead: Axial leads,solderable per MIL-STD-202, Method 208 guaranteed.
- Terminal:Pure tin plated lead free.
- Polarity:Indicated by cathode band.
- Mounting Position: Any
- Weight: 0.13gram




Similar Part No. - 1N4148-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4148-1 MICROSEMI-1N4148-1 Datasheet
476Kb / 1P
Silicon Switching Diode
1N4148-1 MICROSEMI-1N4148-1 Datasheet
102Kb / 19P
PERFORMANCE SPECIFICATION
1N4148-1 MICROSEMI-1N4148-1 Datasheet
41Kb / 2P
SWITCHING DIODE
1N4148-1 MICROSEMI-1N4148-1 Datasheet
94Kb / 1P
SWITCHING DIODE
1N4148-1 MICROSEMI-1N4148-1 Datasheet
325Kb / 4P
Glass Axial Switching Diode
More results


Similar Description - 1N4148-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com