Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4S-HF Datasheet (PDF) - Comchip Technology

B4S-HF Datasheet PDF - Comchip Technology
Part # B4S-HF
Download  B4S-HF Download
File Size   78.01 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD General Purpose Bridge Rectifier Diode

B4S-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
B4S-HF Datasheet PDF - Comchip Technology

Part # B4S-HF
Download  B4S-HF Click to download

File Size   78.01 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD General Purpose Bridge Rectifier Diode

B4S-HF Datasheet (HTML) - Comchip Technology


B4S-HF Product details

Reverse Voltage: 50 to 1000 Volts
Forward Current: 0.8 A
RoHS Device
Halogen Free

Features
- Rating to 1000V PRV.
- Ideal for printed circuit board.
- Reliable low cost construction utilizing molded plastic technique results in inexpensive product.
- Pb free product.

Mechanical data
- Polarity: Symbol molded on body.
- Weight: 0.0044 ounces, 0.125grams.
- Mounting position: Any.




Similar Part No. - B4S-HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B4S-E3 VISHAY-B4S-E3 Datasheet
93Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
19-Aug-13
logo
Comchip Technology
B4S-G COMCHIP-B4S-G Datasheet
50Kb / 2P
Silicon General Purpose Bridge Rectifier
B4S-G COMCHIP-B4S-G Datasheet
102Kb / 4P
SMD General Purpose Bridge Rectifier Diode
logo
Won-Top Electronics
B4S-T3 WTE-B4S-T3 Datasheet
57Kb / 3P
0.5A MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B4S-T3 WTE-B4S-T3 Datasheet
59Kb / 4P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - B4S-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF15005S COMCHIP-DF15005S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
DF005S COMCHIP-DF005S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
B05SGS COMCHIP-B05SGS Datasheet
79Kb / 2P
SMD Genenal Purpose Bridge Rectifier
B05S COMCHIP-B05S Datasheet
70Kb / 2P
SMD Genenal Purpose Bridge Rectifier
logo
Rohm
1N4004A ROHM-1N4004A Datasheet
90Kb / 2P
General purpose rectifier diode
logo
Comchip Technology
B05S-G COMCHIP-B05S-G Datasheet
50Kb / 2P
Silicon General Purpose Bridge Rectifier
CGRM4001-G COMCHIP-CGRM4001-G Datasheet
78Kb / 2P
SMD General Purpose Rectifier
DF15005S-G COMCHIP-DF15005S-G Datasheet
51Kb / 2P
SMD General Purpose Bridge Rectifier
B05S-G COMCHIP-B05S-G_12 Datasheet
102Kb / 4P
SMD General Purpose Bridge Rectifier Diode
logo
Formosa MS
LBS05-QH FORMOSA-LBS05-QH Datasheet
122Kb / 7P
Chip General Purpose Mini Bridge Rectifier
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com